Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8451QT Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA8451QT
Description  3-Axis, 14-bit/8-bit Digital Accelerometer
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451QT Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA8451QT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Sensors
Freescale Semiconductor
7
MMA8451Q
Figure 3 shows the device configuration in the 6 different orientation modes. These orientations are defined as the following:
PU = Portrait Up, LR = Landscape Right, PD = Portrait Down, LL = Landscape Left, BACK and FRONT side views. There are
several registers to configure the orientation detection and are described in detail in the register setting section.
Figure 3. Landscape/Portrait Orientation
Figure 4. Application Diagram
Top View
PU
Earth Gravity
Pin 1
Xout @ 0g
Yout @ -1g
Zout @ 0g
Xout @ 1g
Yout @ 0g
Zout @ 0g
Xout @ 0g
Yout @ 1g
Zout @ 0g
Xout @ -1g
Yout @ 0g
Zout @ 0g
LL
PD
LR
Side View
FRONT
Xout @ 0g
Yout @ 0g
Zout @ 1g
BACK
Xout @ 0g
Yout @ 0g
Zout @ -1g
0.1μF
1.6V-3.6V
Interface Voltage
VDDIO
VDDIO
4.7kΩ
4.7kΩ
1
GND
VDDIO
SCL
NC
INT2
INT1
GND
GND
BYP
NC
MMA8451Q
2
16
12
13
14
15
11
10
3
4
5
6
7
8
9
4.7μF
INT1
INT2
SA0
0.1μF
1.95V-3.6V
VDD
SCL
SDA


Similar Part No. - MMA8451QT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8451QT FREESCALE-MMA8451QT Datasheet
447Kb / 52P
   3-Axis, 14-bit 8-bit Digital Accelerometer
More results

Similar Description - MMA8451QT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8451Q FREESCALE-MMA8451Q_12 Datasheet
447Kb / 52P
   3-Axis, 14-bit 8-bit Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q_12 Datasheet
399Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q Datasheet
628Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8452Q FREESCALE-MMA8452Q Datasheet
494Kb / 47P
   3-Axis, 12-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8450Q NXP-MMA8450Q Datasheet
670Kb / 57P
   3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
logo
Freescale Semiconductor...
MMA8453QR1 FREESCALE-MMA8453QR1 Datasheet
1Mb / 47P
   Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8652FC NXP-MMA8652FC Datasheet
787Kb / 65P
   MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
Rev. 3.3, 10/2015
logo
Freescale Semiconductor...
MMA8653FC FREESCALE-MMA8653FC Datasheet
1Mb / 56P
   Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
MMA8652FC FREESCALE-MMA8652FC Datasheet
2Mb / 77P
   Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8491Q NXP-MMA8491Q Datasheet
659Kb / 28P
   3-Axis Multifunction Digital Accelerometer
Rev. 2.1-26 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com