Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-2032237-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-2032237-4
Description  CABLE ASSY, 24AWG, SFP TO SFP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-2032237-4 Datasheet(HTML) 2 Page - Tyco Electronics

  1-2032237-4 Datasheet HTML 1Page - Tyco Electronics 1-2032237-4 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1-2032237-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-2035047-0 MACOM-1-2035047-0 Datasheet
1Mb / 34P
   AMPSEAL 16 Connector System
logo
TE Connectivity Ltd
1-2035047-0 TEC-1-2035047-0 Datasheet
858Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1-2035047-1 MACOM-1-2035047-1 Datasheet
1Mb / 34P
   AMPSEAL 16 Connector System
logo
TE Connectivity Ltd
1-2035047-1 TEC-1-2035047-1 Datasheet
858Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1-2035366-0 MACOM-1-2035366-0 Datasheet
1Mb / 34P
   AMPSEAL 16 Connector System
More results

Similar Description - 1-2032237-4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2049621051 MOLEX-2049621051 Datasheet
432Kb / 3P
   SFP-DD 56G PASSIVE CABLE ASSY
2020/09/23
747521031 MOLEX-747521031 Datasheet
270Kb / 3P
   SFP TO SFP 10G PASSIVE CABLE ASSEMBLY
2021/04/27
747529015 MOLEX-747529015 Datasheet
270Kb / 3P
   SFP TO SFP 10G PASSIVE CABLE ASSEMBLY
2021/04/27
logo
TE Connectivity Ltd
C-2821222 TEC-C-2821222 Datasheet
467Kb / 2P
   CABLE ASSEMBLY,30 AWG,SFP TO SFP 28G
logo
Molex Electronics Ltd.
747641051 MOLEX-747641051 Datasheet
477Kb / 3P
   QSFP TO (4) SFP 10G PASSIVE CBL ASSY
2022/12/07
0747529001 MOLEX1-0747529001 Datasheet
47Kb / 1P
   SFP-to-SFP Passive Cable Assembly, 10Gbps, 30 AWG Cable, Pull-to-Release
0747521031 MOLEX1-0747521031_17 Datasheet
47Kb / 1P
   SFP-to-SFP Passive Cable Assembly, 10Gbps, 30 AWG Cable, Pull-to-Release
0747521401 MOLEX1-0747521401_17 Datasheet
47Kb / 1P
   SFP-to-SFP Passive Cable Assembly, 10Gbps, 30 AWG Cable, Pull-to-Release
0747521308 MOLEX1-0747521308_17 Datasheet
40Kb / 1P
   SFP-to-SFP Lite Passive Cable Assembly, 10Gbps, 30 AWG Cable, with Latch
logo
TE Connectivity Ltd
C-2821033 TEC-C-2821033 Datasheet
1Mb / 2P
   CABLE ASSEMBLY, QSFP28 TO (4) SFP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com