Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OUE8A425Y1 Datasheet(PDF) 6 Page - OPTEK Technologies

Part # OUE8A425Y1
Description  Ultraviolet (UV) Metal Can LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OUE8A425Y1 Datasheet(HTML) 6 Page - OPTEK Technologies

  OUE8A425Y1 Datasheet HTML 1Page - OPTEK Technologies OUE8A425Y1 Datasheet HTML 2Page - OPTEK Technologies OUE8A425Y1 Datasheet HTML 3Page - OPTEK Technologies OUE8A425Y1 Datasheet HTML 4Page - OPTEK Technologies OUE8A425Y1 Datasheet HTML 5Page - OPTEK Technologies OUE8A425Y1 Datasheet HTML 6Page - OPTEK Technologies OUE8A425Y1 Datasheet HTML 7Page - OPTEK Technologies OUE8A425Y1 Datasheet HTML 8Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
07/09
Page 6 of 8
Ultraviolet (UV) Metal Can LED
OUE8A Series
Reliability Test
ITEM
CONDITION
NOTE
FAILURES
Life Test
TA = RT, IF = 20 mA
1000 hrs
0/22
Temperature Humidity
Operating
TA = RT, IF = 20 mA, RH = 90%
1000 hrs
0/22
High Temperature
Operating
TA = 80ºC, IF = 5 mA
1000 hrs
0/22
Low Temperature
Operating
TA = -40ºC, IF =20 mA
1000 hrs
0/22
Thermal Shock
TA = -40ºC (30 min) to +85ºC (30 min)
[Transfer Time: 5 sec, 1 cycle = 1hr]
100 cycles
0/22
Resistance to
Soldering Heat
Ts = 260 ± 5ºC, Time = 5 ± 1 sec
1 time
0/11
High Temperature
Storage
TA = +100ºC
1000 hrs
0/22
Low Temperature
Storage
TA = -40ºC
1000 hrs
0/22
Criteria for judging damage
ITEM
SYMBOL
MEASURING CONDITION
CRITERIA FOR JUDGEMENT
Minimum
Maximum
Forward Voltage
VF
IF = 20 mA
-
USL X 1.1
Optical Power
Output
PO
IF = 20 mA
LSL X 0.5
-
Notes:
1. IF = Forward Current
2. LSL = Lower Specification Limit
3. RH = Relative humidity
4. RT = Room Temperature ~ 25°C
5. TA = Ambient Temperature
6. TS = Solder Temperature
7. USL = Upper Specification Limit


Similar Part No. - OUE8A425Y1

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OUE8A425Y1 TTELEC-OUE8A425Y1 Datasheet
417Kb / 8P
   Ultraviolet (UV) Metal Can LED
More results

Similar Description - OUE8A425Y1

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OUE8A TTELEC-OUE8A Datasheet
417Kb / 8P
   Ultraviolet (UV) Metal Can LED
logo
Marktech Corporate
MT3700W-UV MARKTECH-MT3700W-UV Datasheet
57Kb / 2P
   Metal Can UV Emitterr
MT3700P-UV MARKTECH-MT3700P-UV Datasheet
55Kb / 2P
   Metal Can UV Emitter
logo
List of Unclassifed Man...
SG01S ETC1-SG01S Datasheet
188Kb / 4P
   Ultraviolet selective SiC based UV sensor
logo
LUMEX INC.
SSL-LXTO46UV3C LUMEX-SSL-LXTO46UV3C Datasheet
100Kb / 1P
   415mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46UV2C-F LUMEX-SSL-LXTO46UV2C-F Datasheet
76Kb / 1P
   405mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46UV2C LUMEX-SSL-LXTO46UV2C Datasheet
100Kb / 1P
   405mm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46375C LUMEX-SSL-LXTO46375C Datasheet
92Kb / 1P
   377nm UV LED, TO-46 CAN PACKAGE.
SSL-LXTO46UV2C LUMEX-SSL-LXTO46UV2C_11 Datasheet
103Kb / 1P
   405nm UV LED, TO-46 CAN PACKAGE
SSL-LXTO46355C LUMEX-SSL-LXTO46355C Datasheet
92Kb / 1P
   355nm UV LED, TO-46 CAN PACKAGE.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com