Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2015234-8 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2015234-8
Description  Quad Small Form- factor Pluggable (QSFP) Products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2015234-8 Datasheet(HTML) 1 Page - Tyco Electronics

  2015234-8 Datasheet HTML 1Page - Tyco Electronics 2015234-8 Datasheet HTML 2Page - Tyco Electronics 2015234-8 Datasheet HTML 3Page - Tyco Electronics 2015234-8 Datasheet HTML 4Page - Tyco Electronics 2015234-8 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
Tyco Electronics is a leading developer of
Quad Small Form-factor Pluggable, a new
high speed pluggable I/O interface. This
interconnect system offers 4 channels,
providing 3 times the density of SFP/SFP+
ports. QSFP cages and connectors are
designed for data rates up to 10 Gb/s,
supporting Fibre Channel, Ethernet,
SDH/SONET and INFINIBAND standards.
The cage/connector system will accept
optical or copper interfaces.
APPLICATIONS
• Switches, routers, and
host bus adapters (HBA’s)
• Enterprise storage
• High density, high speed I/O
• Multiple channel interconnects
KEY FEATURES
• 4x solution featuring
Tyco Electronics 38 position
EVERCLEAR connector
• Lightpipe and heatsink options available
• Through-bezel and behind-bezel cage
options with proven EMI containment
• Direct attach copper cables for short
reach applications
• Quick release latching system
• MPO connectors plug into QSFP
parallel optic transceiver modules
TECHNICAL DOCUMENTS
Product Specification: 108-2286
Quad Small Form- factor
Pluggable (QSFP) Products
INFINIBAND is a trademark of the InfiniBand Trade Association.
FOR MORE INFORMATION
Technical Support
Internet: http://www.tycoelectronics.com
USA: 1-800-522-6752
Canada: 1-905-470-4425
UK: 44-141-810-8967
Japan: 81-44-844-8013


Similar Part No. - 2015234-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2015234-8 MACOM-2015234-8 Datasheet
553Kb / 8P
   Quad Small Form- factor Pluggable (QSFP) Products
More results

Similar Description - 2015234-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1761987-9 MACOM-1761987-9 Datasheet
553Kb / 8P
   Quad Small Form- factor Pluggable (QSFP) Products
logo
Molex Electronics Ltd.
0768711302 MOLEX11-0768711302 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768700004 MOLEX11-0768700004 Datasheet
37Kb / 2P
   Quad Small Form-factor Pluggable Plus QSFP Assembly
0768710006 MOLEX11-0768710006 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768710008 MOLEX11-0768710008 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768710005 MOLEX11-0768710005 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768711303 MOLEX11-0768711303 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
0768711301 MOLEX11-0768711301 Datasheet
50Kb / 2P
   Quad Small Form-factor Pluggable Plus (QSFP) Assembly
1062835104 MOLEX-1062835104 Datasheet
47Kb / 1P
   Quad Small Form-factor Pluggable (QSFP) Optical Breakout Cable Assembly
1062834003 MOLEX-1062834003 Datasheet
43Kb / 1P
   Quad Small Form-factor Pluggable (QSFP) Optical Jumper Cable Assembly
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com