Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSR8V600 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DSR8V600
Description  8A DIODESTAR RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSR8V600 Datasheet(HTML) 2 Page - Diodes Incorporated

  DSR8V600 Datasheet HTML 1Page - Diodes Incorporated DSR8V600 Datasheet HTML 2Page - Diodes Incorporated DSR8V600 Datasheet HTML 3Page - Diodes Incorporated DSR8V600 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DSR8V600
Document number: DS35010 Rev. 2 - 2
2 of 4
www.diodes.com
September 2010
© Diodes Incorporated
DSR8V600
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
600
V
Average Rectified Output Current
IO
8
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
65
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance (Note 3)
RθJC
2
ºC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
ºC
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
-
3.2
V
IF = 8A, TJ = 25ºC
Leakage Current (Note 4)
IR
-
-
20
μA
VR = 600V, TJ = 25ºC
Reverse Recovery Time
trr
-
18
23
ns
IF = 1A, VR = 30V,
di/dt = 100A/
μs
Softness Factor
S
-
1.0
-
-
IF = 8A, dl/dt = 50A/μs,
VR = 400V, TJ = 25ºC
Reverse Recovery Current
IRM
-
1.0
-
A
Reverse Recovery Charges
Qrr
-
34
-
nC
Softness Factor
S
-
0.6
-
-
IF = 8A, dl/dt = 50A/μs,
VR = 400V, TJ = 125ºC
Reverse Recovery Current
IRM
-
2.0
-
A
Reverse Recovery Charges
Qrr
-
114
-
nC
Junction Capacitance
CJ
-
55
-
pF
4.0V, 1MHz
Notes:
3. Test with additional heatsink, (Black Aluminum, 45mm*20mm*12mm)
4. Short duration pulse test used to minimize self-heating effect.
0
2
4
6
8
10
12
02
4
6
8
10
Fig. 1 Forward Power Dissipation
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0.0001
0.001
0.01
0.1
1
10
Fig. 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A


Similar Part No. - DSR8V600

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSR8V600 DIODES-DSR8V600 Datasheet
77Kb / 4P
   8A DIODESTAR RECTIFIER
DSR8V600-G DIODES-DSR8V600-G Datasheet
77Kb / 4P
   8A DIODESTAR RECTIFIER
DSR8V600 DIODES-DSR8V600_11 Datasheet
77Kb / 4P
   8A DIODESTAR RECTIFIER
More results

Similar Description - DSR8V600

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSR8A600 DIODES-DSR8A600_15 Datasheet
265Kb / 6P
   8A DIODESTAR RECTIFIER
DSR8U600 DIODES-DSR8U600 Datasheet
93Kb / 4P
   8A DIODESTAR RECTIFIER
DS35011 Rev. 2 - 2
DSR8A600 DIODES-DSR8A600 Datasheet
530Kb / 6P
   8A DIODESTAR RECTIFIER
November 2019
DSR8V600 DIODES-DSR8V600_11 Datasheet
77Kb / 4P
   8A DIODESTAR RECTIFIER
DSR8U600 DIODES-DSR8U600_11 Datasheet
80Kb / 4P
   8A DIODESTAR RECTIFIER
DSR6U600P5 DIODES-DSR6U600P5 Datasheet
105Kb / 5P
   6A DIODESTAR RECTIFIER
DSR15V600 DIODES-DSR15V600_11 Datasheet
100Kb / 5P
   15A DIODESTAR RECTIFIER
DSR6V600D1_1010 DIODES-DSR6V600D1_1010 Datasheet
97Kb / 4P
   6A DIODESTAR RECTIFIER
DSR15V600 DIODES-DSR15V600 Datasheet
91Kb / 4P
   15A DIODESTAR RECTIFIER
DS35012 Rev. 2 - 2
DSR15U600 DIODES-DSR15U600_11 Datasheet
101Kb / 5P
   15A DIODESTAR RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com