Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX803-23SA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # APX803-23SA
Description  er3-PIN MICROPROCESSOR RESET CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX803-23SA Datasheet(HTML) 5 Page - Diodes Incorporated

  APX803-23SA Datasheet HTML 1Page - Diodes Incorporated APX803-23SA Datasheet HTML 2Page - Diodes Incorporated APX803-23SA Datasheet HTML 3Page - Diodes Incorporated APX803-23SA Datasheet HTML 4Page - Diodes Incorporated APX803-23SA Datasheet HTML 5Page - Diodes Incorporated APX803-23SA Datasheet HTML 6Page - Diodes Incorporated APX803-23SA Datasheet HTML 7Page - Diodes Incorporated APX803-23SA Datasheet HTML 8Page - Diodes Incorporated APX803-23SA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
APX803/D
3-PIN MICROPROCESSOR RESET CIRCUIT
APX803
Document number: DS32132 Rev. 2 - 2
5 of 11
www.diodes.com
September 2010
© Diodes Incorporated
Typical Performance Characteristics
RESET Threshold Voltage vs. Temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
255075
100
Temperature (°C)
APX803-26
Figure 1
RESET Threshold Voltage vs. Temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
Temperature (°C)
APX803-44
Figure 2
RESET Timeout Period vs. Temperature
150
160
170
180
190
200
210
220
230
240
250
-50
-25
0
255075
100
Temperature (°C)
APX803
Figure 3
RESET Timeout Period vs. Temperature
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
-50
-25
0
25
50
75
100
Temperature (°C)
APX803D
Figure 4
Supply Current vs. Temperature
20
21
22
23
24
25
26
27
28
29
30
-50
-25
0
25
50
75
100
Temperature (°C)
Vcc=3.3V
Figure 5
Supply Current vs. Vcc
0
5
10
15
20
25
30
35
40
01
2345
6
Vcc(V)
Figure 6


Similar Part No. - APX803-23SA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803-23SAG-7 DIODES-APX803-23SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results

Similar Description - APX803-23SA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com