Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL432BSA-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TL432BSA-7
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TL432BSA-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  TL432BSA-7 Datasheet HTML 1Page - Diodes Incorporated TL432BSA-7 Datasheet HTML 2Page - Diodes Incorporated TL432BSA-7 Datasheet HTML 3Page - Diodes Incorporated TL432BSA-7 Datasheet HTML 4Page - Diodes Incorporated TL432BSA-7 Datasheet HTML 5Page - Diodes Incorporated TL432BSA-7 Datasheet HTML 6Page - Diodes Incorporated TL432BSA-7 Datasheet HTML 7Page - Diodes Incorporated TL432BSA-7 Datasheet HTML 8Page - Diodes Incorporated TL432BSA-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TL431/TL432
ADJUSTABLE PRECISION SHUNT REGULATOR
TL431/432
Document number: DS35050 Rev. 2 - 2
1 of 14
www.diodes.com
September 2010
© Diodes Incorporated
Description
The TL431 and TL432 are three terminal adjustable shunt
regulators offering excellent temperature stability and output
current handling capability up to 100mA. The output voltage
may be set to any chosen voltage between 2.5 and 36 volts
by selection of two external divider resistors.
The devices can be used as a replacement for zener diodes
in many applications requiring an improvement in zener
performance.
Diodes’
TL431
has
the
same
electrical
specifications as the industry standard ‘431 and is available
in 2 grades with initial tolerances of 1% and 0.5% for the
A and B grades respectively.
Features
• Temperature range -40 to 125ºC
• Reference Voltage Tolerance at 25°C
• TL431A: 2.495V ± 1.0%.
• TL431B: 2.495V ± 0.5%
• Low Output Noise
• 0.2Ω Typical Output Impedance
• Sink Current Capability: 1mA to 100mA
• Adjustable Output Voltage: V
REF to 36V
• SOT23 and SOT25: Available in “Green” Molding
Compound (No Br, Sb) and Lead Free Finish/ RoHS
Compliant (Note 1)
Applications
• Opto-Coupler Linearisers
• Shunt Regulators
• Improved Zener
• Variable Reference
Pin Assignments
TL431
ANODE
1
2
CATHODE
3REF
 
4REF
5ANODE
NC
1
CATHODE
3
NC
2
(Top View )
SOT23
SOT25
(Top View)
TL432
(Top View)
ANODE
1
2
CATHODE
3
REF
SOT23
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - TL432BSA-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL432B TI-TL432B Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL432B TI1-TL432B Datasheet
2Mb / 77P
[Old version datasheet]   Precision Programmable Reference
TL432B TI-TL432B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL432B TI1-TL432B Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
TL432B TI-TL432B Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TL432BSA-7

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com