Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHE2815S Datasheet(PDF) 7 Page - International Rectifier

Part # AHE2815S
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHE2815S Datasheet(HTML) 7 Page - International Rectifier

  AHE2815S Datasheet HTML 1Page - International Rectifier AHE2815S Datasheet HTML 2Page - International Rectifier AHE2815S Datasheet HTML 3Page - International Rectifier AHE2815S Datasheet HTML 4Page - International Rectifier AHE2815S Datasheet HTML 5Page - International Rectifier AHE2815S Datasheet HTML 6Page - International Rectifier AHE2815S Datasheet HTML 7Page - International Rectifier AHE2815S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
AHE28XXS Series
Pin Designation
Mechanical Outlines
Flanged
Non-Flanged
2.560
1.110
0.040 D X
0.26 L Pins
4 X 0.400
=1.600
2.880
Max
2.110
Max
0.495
Max
0.050
0.800
Ø 0.162
2 Holes
2.110
0.495
* AHE2805S only. AHE2812S / 2815S have NC on Pin 3
Pin #
Designation
1
+ Input
2
Inhibit Input
3
Output Adjust *
4
Output Return
5
+ Output
6NC
7NC
8
Case Ground
9
NC or Sync.
10
Input Return


Similar Part No. - AHE2815S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE2815S IRF-AHE2815S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2815S IRF-AHE2815S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2815S/CH-MSTR IRF-AHE2815S/CH-MSTR Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHE2815S/CH-SLV IRF-AHE2815S/CH-SLV Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHE2815S/ES-MSTR IRF-AHE2815S/ES-MSTR Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results

Similar Description - AHE2815S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com