Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX803-29SR Datasheet(PDF) 6 Page - Diodes Incorporated

Part # APX803-29SR
Description  er3-PIN MICROPROCESSOR RESET CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX803-29SR Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button APX803-29SR Datasheet HTML 2Page - Diodes Incorporated APX803-29SR Datasheet HTML 3Page - Diodes Incorporated APX803-29SR Datasheet HTML 4Page - Diodes Incorporated APX803-29SR Datasheet HTML 5Page - Diodes Incorporated APX803-29SR Datasheet HTML 6Page - Diodes Incorporated APX803-29SR Datasheet HTML 7Page - Diodes Incorporated APX803-29SR Datasheet HTML 8Page - Diodes Incorporated APX803-29SR Datasheet HTML 9Page - Diodes Incorporated APX803-29SR Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
APX803/D
3-PIN MICROPROCESSOR RESET CIRCUIT
APX803
Document number: DS32132 Rev. 2 - 2
6 of 11
www.diodes.com
September 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
Nch Driver Sink Current vs. Vcc
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Vcc(V)
-40ºC
25ºC
85ºC
APX803-26 VDS=0.5V
Nch Driver Sink Current vs. Vcc
0
10
20
30
40
50
60
0.0
1.0
2.0
3.0
4.0
5.0
Vcc(V)
APX803-44 VDS=0.5V
-40ºC
25ºC
85ºC
Figure 7
Figure 8
Nch Driver Output Current vs. VDS
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS(V)
APX803-26
Vcc= 2.5V
Vcc= 2.0V
Vcc= 1.5V
Nch Driver Output Current vs. VDS
0
10
20
30
40
50
60
70
80
90
100
0.00.51.01.52.02.53.03.54.0
VDS(V)
APX803-44
Vcc= 4.0V
Vcc= 3.5V
Vcc= 3.0V
Vcc= 2.5V
Vcc= 2.0V
Vcc= 1.5V
Figure 9
Figure 10


Similar Part No. - APX803-29SR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803-29SRG-7 DIODES-APX803-29SRG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results

Similar Description - APX803-29SR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com