Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2827 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2827
Description  Negative Output Low Drop Out voltage regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2827 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2827 Datasheet HTML 1Page - New Japan Radio NJM2827 Datasheet HTML 2Page - New Japan Radio NJM2827 Datasheet HTML 3Page - New Japan Radio NJM2827 Datasheet HTML 4Page - New Japan Radio NJM2827 Datasheet HTML 5Page - New Japan Radio NJM2827 Datasheet HTML 6Page - New Japan Radio NJM2827 Datasheet HTML 7Page - New Japan Radio NJM2827 Datasheet HTML 8Page - New Japan Radio NJM2827 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NJM2827
- 1 -
Ver.2010-07-13
Negative Output Low Drop Out voltage regulator
GENERAL DESCRIPTION
PACKAGE OUTLINE
The NJM2827 is a negative output low dropout regulator.
Advanced bipolar technology achieves low noise, high precision
voltage and high ripple rejection.
It has soft-start and shunt SW function. 1.0
µF Output capacitor
and small package can make NJM2827 suitable for portable items.
FEATURES
Low Dropout Voltage
:0.13V (typ.) @Io=60mA
High Precision Output
:±1.5%
High Ripple Rejection
:65dB(typ.) @f=1kHz, Vo=-7V Version
Output capacitor with 1.0
µF ceramic capacitor.
Output Current
:Io(max.)=100mA
Soft-start Function
Shunt SW Function
Internal Thermal Overload Protection
Internal Short Circuit Current Limit
Bipolar Technology
Package Outline
SC88A
PIN CONFIGURATION
EQUIVALENT CIRCUIT
Current
Limit
Bandgap
Reference
Thermal
Protection
GND
CS
VIN
VOUT
NJM2827F3-XX
NJM2827F3
1.GND
2.VIN
3.VOUT
4.NC
5.CS
1 2 3
4
5


Similar Part No. - NJM2827

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2820 NJRC-NJM2820 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2820F NJRC-NJM2820F Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2821 NJRC-NJM2821 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2821F NJRC-NJM2821F Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2822 NJRC-NJM2822 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
More results

Similar Description - NJM2827

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2828 NJRC-NJM2828 Datasheet
362Kb / 12P
   Negative Output Low Drop Out voltage regulator
Ver.2016-05-10
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
   Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
TLE4699GM INFINEON-TLE4699GM Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com