Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2827F3-05 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM2827F3-05
Description  Negative Output Low Drop Out voltage regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2827F3-05 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM2827F3-05 Datasheet HTML 2Page - New Japan Radio NJM2827F3-05 Datasheet HTML 3Page - New Japan Radio NJM2827F3-05 Datasheet HTML 4Page - New Japan Radio NJM2827F3-05 Datasheet HTML 5Page - New Japan Radio NJM2827F3-05 Datasheet HTML 6Page - New Japan Radio NJM2827F3-05 Datasheet HTML 7Page - New Japan Radio NJM2827F3-05 Datasheet HTML 8Page - New Japan Radio NJM2827F3-05 Datasheet HTML 9Page - New Japan Radio NJM2827F3-05 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NJM2827
- 9 -
Ver.2010-07-13
6.8
6.9
7
7.1
7.2
-50
0
50
100
150
Temperature Ta (
oC)
NJM2827/-7.0V
Output Voltage vs. Temperature
@:VIN=-8.0V
Io=30mA
Co=1.0uF(Ceramic)
0
2
4
6
8
10
-50
0
50
100
150
Temperature : Ta (
oC)
NJM2828/-7.0V
CS Charge Current v.s. Temperature
@:VIN=-8.0V
CS is short to ground.
Co=1.0uF(Ceramic)
0
50
100
150
200
250
-50
0
50
100
150
Temperature : Ta (
oC)
NJM2827/-7.0V
Quiescent Current vs. Temperature
@:VIN=-8.0V
Output is open.
Co=1.0uF(Ceramic)
-0.1
-0.05
0
0.05
0.1
-50
0
50
100
150
Temperature : Ta (
oC)
NJM2827/-7.0V
Line Regulation vs. Temperature
@:dVIN=-8-12V
Io=30mA
Co=1.0uF(Ceramic)
0
0.005
0.01
0.015
0.02
0.025
0.03
-50
0
50
100
150
Temperature : Ta (
oC)
NJM2827/-7.0V
Load Regulation vs. Temperature
@:VIN=-8.0V
Io=0-60mA
Co=1.0uF(Ceramic)
0
2
4
6
8
-50
0
50
100
150
200
Temperature Ta (
oC)
NJM2827/-7.0V
Output Voltage v.s. Temperature
@:VIN=-8.0V
Io=30mA
Co=1.0uF(Ceramic)


Similar Part No. - NJM2827F3-05

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2820 NJRC-NJM2820 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2820F NJRC-NJM2820F Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2821 NJRC-NJM2821 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2821F NJRC-NJM2821F Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2822 NJRC-NJM2822 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
More results

Similar Description - NJM2827F3-05

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2828 NJRC-NJM2828 Datasheet
362Kb / 12P
   Negative Output Low Drop Out voltage regulator
Ver.2016-05-10
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
   Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
TLE4699GM INFINEON-TLE4699GM Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com