Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61KS100-060 Datasheet(PDF) 4 Page - Grayhill, Inc

Part # 61KS100-060
Description  High Resolution, 4-Pin
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

61KS100-060 Datasheet(HTML) 4 Page - Grayhill, Inc

  61KS100-060 Datasheet HTML 1Page - Grayhill, Inc 61KS100-060 Datasheet HTML 2Page - Grayhill, Inc 61KS100-060 Datasheet HTML 3Page - Grayhill, Inc 61KS100-060 Datasheet HTML 4Page - Grayhill, Inc 61KS100-060 Datasheet HTML 5Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
DIMENSIONS In inches (and millimeters)
SPECIFICATIONS
Electrical Ratings
Operating Voltage: 5.0 ±.25 Vdc
Supply Current: 30 mA maximum at 5 Vdc
Logic Output Characteristics:
Output Type: Open collector with integrated
Schmitt Trigger and 10K ohms pull-up resistor
Maximum Sink Current: 16 mA at .40 volts
Power Consumption: 150 mW maximum
Optical Rise Time: 500 nS typical
Optical Fall Time: 16 nS typical
Mechanical Ratings
Mechanical Life: 10 million revolutions
Time Life: Guaranteed for 10 years of
continuous operation (calculated from emitter
degradation data)
Mounting Torque: 20 in-lbs maximum
Shaft Push Out Force: 100 lbs
Terminal Strength: 5 lbs terminal pull-out force
minimum
Solderability: 95% free of pin holes and voids
Operating Torque: 1.5 in-oz maximum (no
detents) for unsealed versions
Environmental Ratings
Operating Temperature Range: -40°C to 85°C
Storage Temperature Range: -55°C to 100°C
Relative Humidity: 90-95% at 40°C for 96 hours
Vibration Resistance: Harmonic motion with
amplitude of 15g, within a varied 10 to 2000 Hz
frequency for 12 hours per MIL-STD-202,
Method 204
Cable Version
CIRCUITRY, TRUTH TABLE, AND WAVEFORM: Standard Quadrature 2-Bit Code
1 CYCLE
OUTPUT
A
OUTPUT
B
CHANNEL A LEADS CHANNEL B BY
90˚ ± 45˚ IN ALL ROTATIONS FOR
CLOCKWISE ROTATION OF SHAFT.
90˚ ± 45˚
1
2
3
5
4
10 K
10 K
PIN #
GROUND
NO CONTACT
OUTPUT A
POWER 5V
OUTPUT B
GRAYHILL XXXX X-X
61RXXX-XXX
XXXX X-X
XX-XXX
UNLESS OTHERWISE SPECIFIED, DIMENSION TOLERANCES ARE AS FOLLOWS:
LINEAR
±.010 (.25), DIAMETERS ±.010 (.25), ANGULAR ±5˚
1.250 DIA
(31.75)
.219
(5.57)
.033
(.84)
.066
(1.68)
.250
(6.35)
.501
(12.73)
.725
±.025
(18.42
±.64)
.350
(8.89)
.249/.250 DIA
(6.32/6.34)
.025 X 45˚
(.64)
CHAMFER
3/8 - 32
UNEF-2A
THREADS
CABLE LENGTH
XXX
±.25
(XXX
±.7)
CONNECTOR IS
MOLEX P/N
14-56-3056
OR EQUIVALENT
PIN #1
.550 DIA
(13.97)
MOUNTING
SURFACE
.152
(3.86)
KEYWAY DEPTH
Encoder
45


Similar Part No. - 61KS100-060

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
61KS256-060 GRAYHILL-61KS256-060 Datasheet
42Kb / 1P
   Optical Encoders
More results

Similar Description - 61KS100-060

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
63KS256-060 GRAYHILL-63KS256-060 Datasheet
349Kb / 2P
   High Resolution, Ball Bearing, 4-Pin
63RS256-060 GRAYHILL-63RS256-060 Datasheet
355Kb / 2P
   High Resolution, Ball Bearing, 5-pin (Polarized Connection)
logo
Hitachi Semiconductor
CML174SXW HITACHI-CML174SXW Datasheet
113Kb / 2P
   High Resolution
logo
Digital View Ltd
SVX-1920-V3 DIGITALVIEW-SVX-1920-V3 Datasheet
769Kb / 2P
   High-Resolution Controller
November 2014 v1.2
logo
Analog Devices
ADADC72 AD-ADADC72_15 Datasheet
2Mb / 8P
   COMPLETE HIGH RESOLUTION
REV. B
logo
Digital View Ltd
HX-1920V3 DIGITALVIEW-HX-1920V3 Datasheet
921Kb / 2P
   High-Resolution Controller
August 2014 v1.2
logo
Extech Instruments Corp...
380560 EXTECH-380560_15 Datasheet
176Kb / 1P
   High Resolution Milliohm Meter
logo
TE Connectivity Ltd
MS5806-02BA TEC-MS5806-02BA Datasheet
513Kb / 19P
   High resolution module, 20cm
logo
ON Semiconductor
NCP81231 ONSEMI-NCP81231 Datasheet
195Kb / 21P
   High Resolution Buck Controller
December, 2017 ??Rev. 1
logo
Texas Instruments
DLPC7540 TI1-DLPC7540_V01 Datasheet
117Kb / 8P
[Old version datasheet]   DLPC7541 High Resolution Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com