Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASA28XXS Datasheet(PDF) 1 Page - International Rectifier

Part # ASA28XXS
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ASA28XXS Datasheet(HTML) 1 Page - International Rectifier

  ASA28XXS_07 Datasheet HTML 1Page - International Rectifier ASA28XXS_07 Datasheet HTML 2Page - International Rectifier ASA28XXS_07 Datasheet HTML 3Page - International Rectifier ASA28XXS_07 Datasheet HTML 4Page - International Rectifier ASA28XXS_07 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.irf.com
1
ASA28XXS SERIES
Description
Up To 5.0W Output Power
5V, 12V,15V Outputs
High Reliability
Wide Input Voltage Range -16V To 40V
Indefinite Short Circuit and Overload Protection
Popular Industry Standard Pin-Out
Military Screening Available
Parallel Seam Welded Package
No External Capacitors Required
Input Voltage Surge Protected to MIL-STD-704A
Under Voltage Lockout
Available as Standard Military Drawing
Standard Microcircuit Drawings Available
Features
28V Input, Single Output
The ASA28XXS Series of DC/DC converters are high
reliability thick film hybrid converters that use flyback
topology operating at a nominal frequency of 550KHz.
High input to output isolation is achieved through the
use of transformers in the flyback power and feedback
circuits.
The advanced feedback design provides fast loop
response for superior line and load transient
characteristics and offers greater reliability than devices
incorporating optical feedback circuits.
This device is designed to meet MIL-STD-704D input
requirements offering full performance over a 16V to
40V input range. Output Power of up to 5W is available.
Connecting the inhibit pin (pin 5) to the input common
(pin 7) will cause the converter to shut down. It is
recommended that the inhibit pin be driven by an open
collector device capable of sinking at least 400
µA. The
open circuit voltage of the inhibit pin is 11.5 ± 0.5V.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Variations in electrical, mechanical and screening
requirements can be accommodated. Extensive
computer simulation using complex modeling allows
design modifications to be examined. Contact IR Santa
Clara with specific requirements.
01/11/07
HYBRID-HIGH RELIABILITY
DC/DC CONVERTER
ASA
PD-94539A


Similar Part No. - ASA28XXS_07

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results

Similar Description - ASA28XXS_07

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com