Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR28XXT Datasheet(PDF) 3 Page - International Rectifier

Part # ATR28XXT
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR28XXT Datasheet(HTML) 3 Page - International Rectifier

  ATR28XXT Datasheet HTML 1Page - International Rectifier ATR28XXT Datasheet HTML 2Page - International Rectifier ATR28XXT Datasheet HTML 3Page - International Rectifier ATR28XXT Datasheet HTML 4Page - International Rectifier ATR28XXT Datasheet HTML 5Page - International Rectifier ATR28XXT Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.irf.com
3
ATR28XXT Series
T
CASE = -55°C to +125°C, VIN = +28V ± 5% unless otherwise specified
Notes to Specifications
Specifications
1. Tested at each output.
2. Parameter guaranteed byline and load regulation tests.
3. Although operation with no load is permissible, light loading on the main (+5V) output may cause the output voltage of the auxiliary
outputs (
±12V or ±15V) to drop out of regulation. It is therefore recommended that at least 100mA or 20% of the output power,
whichever is greater, be taken from the main (+5V) output and at least 50mA (or
±12V: 1.2W, ±15V: 1.5W) of the output power is
taken from the auxiliary (
±12V or ±15V) .
4. Total combined output power –30W.
5. Bandwidth guaranteed by design. Tested for 20KHz to 2MHz.
6. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the overload protection
circuit and is the condition of maximum power dissipation.
7. Load step transition time between 2.0
µs and 10µs.
8. Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1.0% of VOUT at 50% load.
9. Input step transition time between 2.0
µs to 10µs.
10. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter parameters shall be
guaranteed to the limits specified in the table.
11. Turn on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the
inhibit pin (pin 8) while power is applied to the input.
Input voltage
-0.5V to +50VDC
Power Output
Internally limited, 37.5W typical
Soldering temperature
300°C for 10 seconds
Temperature Range
6
Operating case temperature
-55°C to +135°C
Storage case temperature
-65°C to +135°C
Absolute Maximum Ratings
ATR2812T
ATR2815T
Test
Symbol
Conditions
-55
°C ≤ TC ≤ +125°C,
VIN = 28 VDC ±5%, CL=0,
unless otherwise specified
Min
Max
Min
Max
Units
Output Response to
Transient step9
Line changes10
VOTLINE
Input step 16 from/to 40 VDC
IOUT = 3000mA (main)
POUT = 15W (dual)
±1500
±1500
mV pk
Recovery Time8
Transient step9
Line changes10
TTLINE
Input step 16 from/to 40 VDC
IOUT = 3000mA (main)
POUT = 15W (dual)
10
10
ms
Turn on Overshoot1
VTonOS
IOUT = 0, and 3000mA (main)
POUT = 0, 15W (dual)
1000
1000
mV pk
Turn on Delay 1, 11
TonD
IOUT = 0, 3000mA (main)
POUT = 0, 15W (dual)
25
25
ms
Load Fault Recovery10
TRLF
25
25
ms
Device weight
65
65
g


Similar Part No. - ATR28XXT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD_07 Datasheet
153Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS_07 Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - ATR28XXT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com