Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATW28XXD Datasheet(PDF) 5 Page - International Rectifier

Part # ATW28XXD
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATW28XXD Datasheet(HTML) 5 Page - International Rectifier

  ATW28XXD_06 Datasheet HTML 1Page - International Rectifier ATW28XXD_06 Datasheet HTML 2Page - International Rectifier ATW28XXD_06 Datasheet HTML 3Page - International Rectifier ATW28XXD_06 Datasheet HTML 4Page - International Rectifier ATW28XXD_06 Datasheet HTML 5Page - International Rectifier ATW28XXD_06 Datasheet HTML 6Page - International Rectifier ATW28XXD_06 Datasheet HTML 7Page - International Rectifier ATW28XXD_06 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
ATW28XXD Series
Table II. Electrical Performance Characteristics - continued
Notes to Specifications
ATW2815D
1
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1.0% of VOUT at 50% load.
2 Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the
inhibit pin (pin 8) while power is applied to the input.
3
An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit
protection and is the condition of maximum power dissipation.
4
Above +125
°C case, derate output power linearly to 0 at +135°C case.
5
Input step transition time between 2.0
µs and 10µs.
6 Capacitive load may be any value from 0 to the maximum limit without compromising DC performance. A capacitive load in
excess of the maximum limit will not disturb loop stability but will interfere with the operation of the load fault detection circuitry,
appearing as a short circuit during turn on.
7
Load step transition time between 2.0
µs and 10µs.
8
Bandwidth guaranteed by design. Tested for 20KHz to 2MHz.
9
Load current split equally between +V
OUT and –VOUT.
10 When operating with unbalanced loads, at least 25% of the load must be on the positive output to maintain regulation.
11 Parameter guaranteed by line and load regulation tests.
12 Parameter shall be tested as part of design characterization and after design or process changes. Thereafter parameters shall be
guaranteed to the limits specified in Table II.
13 Up to 90% of full power is available from either output provided the total output does not exceed 30W.
Test
Symbol
Conditions
-55°C
≤Tc ≤+125°C
Vin = 28 Vdc ±5%, CL = 0
unless otherwise specified
Group A
Subgroups
Device
Types
Limits
Unit
Min
Max
Output response
transient step line
changes
5, 12
VOTLINE
Input step from/to 18 to
40VDC
4,5,6
All
+180
mV pk
Input step from 40 to18 VDC
4,5,6
All
-600
mV pk
Recovery time
transient step line
changes
1. 5, 12
TTLINE
Input step from/to 18 to 40
VDC
4,5,6
All
400
µs
Input step from 40 to 18 VDC
4,5,6
All
400
µs
Turn on overshoot
VTonOS
IOUT = 0 and 2000mA
4,5,6
All
750
mV pk
Turn on delay
2
TonD
IOUT = 0 and 2000mA
4,5,6
All
12
ms
Load fault recovery
12
TrLF
VIN = 18 to 40 VDC
4,5,6
All
12
ms
Weight
Flange
75
g


Similar Part No. - ATW28XXD_06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results

Similar Description - ATW28XXD_06

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com