Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATW28XXD Datasheet(PDF) 2 Page - International Rectifier

Part # ATW28XXD
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATW28XXD Datasheet(HTML) 2 Page - International Rectifier

  ATW28XXD Datasheet HTML 1Page - International Rectifier ATW28XXD Datasheet HTML 2Page - International Rectifier ATW28XXD Datasheet HTML 3Page - International Rectifier ATW28XXD Datasheet HTML 4Page - International Rectifier ATW28XXD Datasheet HTML 5Page - International Rectifier ATW28XXD Datasheet HTML 6Page - International Rectifier ATW28XXD Datasheet HTML 7Page - International Rectifier ATW28XXD Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.irf.com
ATW28XXD Series
Specifications
For Notes to Specifications, refer to page 3
Table I. Electrical Performance Characteristics
ATW2812D
Input voltage
-0.5V to +50VDC
Soldering temperature
300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +135°C
Absolute Maximum Ratings
Test
Symbol
Conditions
-55°C
≤Tc ≤+125°C
Vin = 28 Vdc ±5%, CL = 0
Unless otherwise specified
Group A
Subgroups
Device
Types
Limits
Unit
Min
Max
Output voltage
VOUT
IOUT = 0
1
All
±11.88
±12.12
V
2,3
±11.76
±12.24
Output current
1, 2
IOUT
VIN = 18, 28, and 40 V dc,
each output
1,2,3
All
250
2250
mA
Output ripple voltage
3
VRIP
VIN = 18, 28, and 40 V dc,
B.W. = 20Hz to 2MHz
1,2,3
All
85
mVp-p
Line regulation
4
VRLINE
VIN = 18, 28, and 40 V dc,
Iout = 0,1250, and 2500mA
1
All
30
mV
2,3
60
Load regulation
4
VRLOAD
VIN = 18, 28, and 40 V dc,
IOUT = 0, 1250, and 2500mA
1,2,3
All
120
mV
Cross regulation
5
VRCROSS
10% to 90% load change
1,2,3
All
3.5
%
Input current
IIN
IOUT = 0, inhibit (pin 8)
tied to input return (pin 10)
1,2,3
All
18
mA
IOUT = 0,inhibit (pin 8)=
open
50
Input ripple current
3, 4
IRIP
IOUT = 2500mA
B.W. = 20Hz to 2MHz
1,2,3
All
50
mAp-p
Efficiency
4
EFF
IOUT = 2500mA
1
All
80
%
TC = +25
°C
Isolation
ISO
Input to output or any pin
to case (except pin 7) at
500 V dc Tc = +25°C
1
All
100
M
Capacitive load
6, 7
CL
No effect on dc
performance, Tc = +25°C,
total for both outputs
4
All
200
µF
Power dissipation
load fault
PD
Overload, TC = +25
°C
8
1
All
12
W
Short circuit, TC = +25
°C
9.0
Switching frequency
4
FS
IOUT = 2500mA
4,5,6
01
250
300
KHz
02
250
270
03
275
300
Output response to step
transient load
changes
4, 9
VOTLOAD
1250mA to/from 2500mA
4,5,6
All
-400
+400
mV pk
0mA to/from 2500mA
4,5,6
All
-800
+800
Recovery time step
transient load
changes
4, 9, 10
TTLOAD
1250mA to/from 2500mA
4,5,6
All
70
µs
0mA to/from 1250mA
4,5,6
All
500
1250mA to/from 0mA
4,5,6
All
5.0
ms


Similar Part No. - ATW28XXD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results

Similar Description - ATW28XXD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com