Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7105 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7105
Description  HEXFET POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7105 Datasheet(HTML) 2 Page - International Rectifier

  IRF7105 Datasheet HTML 1Page - International Rectifier IRF7105 Datasheet HTML 2Page - International Rectifier IRF7105 Datasheet HTML 3Page - International Rectifier IRF7105 Datasheet HTML 4Page - International Rectifier IRF7105 Datasheet HTML 5Page - International Rectifier IRF7105 Datasheet HTML 6Page - International Rectifier IRF7105 Datasheet HTML 7Page - International Rectifier IRF7105 Datasheet HTML 8Page - International Rectifier IRF7105 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF7105
2
www.irf.com
V(BR)DSS
Drain-to-Source Breakdown Voltage
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
Forward Transconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total GateCharge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
Parameter
Min. Typ. Max. Units
Conditions
N-Ch 25
—
—
VGS = 0V, ID = 250µA
P-Ch -25
—
—
VGS = 0V, ID = -250µA
N-Ch — 0.030 —
Reference to 25°C, ID = 1mA
P-Ch — -0.015 —
Reference to 25°C, ID = -1mA
— 0.083 0.10
VGS = 10V, ID = 1.0A ƒ
— 0.14 0.16
VGS = 4.5V, ID = 0.50A ƒ
— 0.16 0.25
VGS = -10V, ID = -1.0A ƒ
— 0.30 0.40
VGS = -4.5V, ID = -0.50A ƒ
N-Ch 1.0
—
3.0
VDS = VGS, ID = 250µA
P-Ch -1.0 — -3.0
VDS = VGS, ID = -250µA
N-Ch —
4.3
—
VDS = 15V, ID = 3.5A ƒ
P-Ch —
3.1
—
VDS = -15V, ID = -3.5A ƒ
N-Ch —
—
2.0
VDS = 20V, VGS = 0V
P-Ch —
— -2.0
VDS = -20V, VGS = 0V,
N-Ch —
—
25
VDS = 20V, VGS = 0V, TJ = 55°C
P-Ch —
—
-25
VDS = -20V, VGS = 0V, TJ = 55°C
IGSS
Gate-to-Source Forward Leakage
N-P ––
— ±100
VGS = ± 20V
N-Ch —
9.4
27
P-Ch —
10
25
N-Ch —
1.7
—
P-Ch —
1.9
—
N-Ch —
3.1
—
P-Ch —
2.8
—
N-Ch —
7.0
20
P-Ch —
12
40
N-Ch —
9.0
20
P-Ch —
13
40
N-Ch —
45
90
P-Ch —
45
90
N-Ch —
25
50
P-Ch —
37
50
LD
Internal Drain Inductace
N-P
—
4.0
—
Between lead , 6mm (0.25in.)from
LS
Internal Source Inductance
N-P
—
6.0
—
package and center of die contact
N-Ch —
330
—
P-Ch —
290
—
N-Ch —
250
—
P-Ch —
210
—
N-Ch —
61
—
P-Ch —
67
—
Parameter
Min. Typ. Max. Units
Conditions
N-Ch —
—
2.0
P-Ch —
— -2.0
N-Ch —
—
14
P-Ch —
— -9.2
N-Ch —
—
1.2
TJ = 25°C, IS = 1.3A, VGS = 0V ƒ
P-Ch —
— -1.2
TJ = 25°C, IS = -1.3A, VGS = 0V ƒ
N-Ch —
36
54
P-Ch —
69
100
N-Ch —
41
75
P-Ch —
90
180
ton
Forward Turn-On Time
N-P
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Notes:
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Source-Drain Ratings and Characteristics
V
V/°C
V
S
µA
nC
ns
nH
pF
N-Channel
ID = 2.3A, VDS = 12.5V, VGS = 10V
ƒ
P-Channel
ID = -2.3A, VDS = -12.5V, VGS = -10V
N-Channel
VDD = 25V, ID = 1.0A, RG = 6.0Ω,
RD = 25Ω
ƒ
P-Channel
VDD = -25V, ID = -1.0A, RG = 6.0Ω,
RD = 25Ω
N-Channel
VGS = 0V, VDS = 15V, ƒ = 1.0MHz
P-Channel
VGS = 0V, VDS = -15V, ƒ = 1.0MHz
N-Ch
P-Ch
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode) 
VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF = 1.3A, di/dt = 100A/µs
P-Channel
ƒ
TJ = 25°C, IF = -1.3A, di/dt = 100A/µs
Intrinsic turn-on time is neglegible (turn-on is dominated by LS+LD)
‚ N-Channel I
SD ≤ 3.5A, di/dt ≤ 90A/µs, V
DD ≤ V(BR)DSS, TJ ≤ 150°C
P-Channel ISD ≤ -2.3A, di/dt ≤ 90A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
„ Surface mounted on FR-4 board, t ≤ 10sec.


Similar Part No. - IRF7105

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
IRF7105 MICROSEMI-IRF7105 Datasheet
339Kb / 18P
   EVALUATION KIT
logo
International Rectifier
IRF7105PBF IRF-IRF7105PBF Datasheet
302Kb / 10P
   HEXFET짰 Power MOSFET
IRF7105PBF IRF-IRF7105PBF Datasheet
307Kb / 10P
   Advanced Process Technology
IRF7105PBF IRF-IRF7105PBF Datasheet
307Kb / 10P
   ADVANCED PROCESS TECHNOLOGY
IRF7105PBF-1 IRF-IRF7105PBF-1 Datasheet
615Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com