Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHP27005DYCH Datasheet(PDF) 1 Page - International Rectifier

Part # AHP27005DYCH
Description  HYBRID-HIGH RELIABILITYDC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHP27005DYCH Datasheet(HTML) 1 Page - International Rectifier

  AHP27005DYCH Datasheet HTML 1Page - International Rectifier AHP27005DYCH Datasheet HTML 2Page - International Rectifier AHP27005DYCH Datasheet HTML 3Page - International Rectifier AHP27005DYCH Datasheet HTML 4Page - International Rectifier AHP27005DYCH Datasheet HTML 5Page - International Rectifier AHP27005DYCH Datasheet HTML 6Page - International Rectifier AHP27005DYCH Datasheet HTML 7Page - International Rectifier AHP27005DYCH Datasheet HTML 8Page - International Rectifier AHP27005DYCH Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
12/06/06
www.irf.com
1
AHP270XXD SERIES
The AHP Series of DC/DC converters feature high
power density without derating over the full military
temperature range. This series is offered as lower cost
alternatives to the legendary AFL series with improved
performance for new design applications. The AHPs
are form, fit and functional replacement to the AFL
series. The new AHP series offers a full compliment of
single and dual output voltages operating from nominal
+28V or +270V inputs with output power ranging from
66W to 120W. For applications requiring higher output
power, multiple converters can be operated in parallel.
The internal current sharing circuits assure equal current
distribution among the paralleled converters. Same as
the AFL the AHP series incorporates International
Rectifier’s proprietary magnetic pulse feedback
technology providing optimum dynamic line and load
regulation response. This feedback system samples
the output voltage at the pulse width modulator fixed
clock frequency, nominally 550KHz. Multiple converters
can be synchronized to a system clock in the 500KHz
to 700KHz range or to the synchronization output of
one converter. Undervoltage lockout, primary and
secondary referenced inhibit, soft-start and load fault
protection are provided on all models.
Description
n 160V To 400V Input Range
n ±5V, ±12V, and ±15V Outputs Available
n High Power Density - up to 70W/in3
n Up To 100W Output Power
n Parallel Operation with Power Sharing
n Low Profile (0.380") Seam Welded Package
n Ceramic Feedthru Copper Core Pins
n High Efficiency - to 87%
n Full Military Temperature Range
n Continuous Short Circuit and Overload
Protection
n Output Voltage Trim
n Primary and Secondary Referenced
Inhibit Functions
n Line Rejection > 60 dB - DC to 50KHz
n External Synchronization Port
n Fault Tolerant Design
n Single Output Versions Available
Features
270V Input, Dual Output
These converters are hermetically packaged in two
enclosure variations, utilizing copper core pins to
minimize resistive DC losses. Three lead styles are
available, each fabricated with International Rectifier’s
rugged ceramic lead-to-package seal assuring long
term hermeticity in the most harsh environments.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Variations in electrical, mechanical and screening can
be accommodated. Contact IR Santa Clara for special
requirements.
AHP
HYBRID-HIGH RELIABILITY
DC/DC CONVERTER
PD-97182A


Similar Part No. - AHP27005DYCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP27005DYES IRF-AHP27005DYES Datasheet
233Kb / 12P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AHP27005DYHB IRF-AHP27005DYHB Datasheet
233Kb / 12P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results

Similar Description - AHP27005DYCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA28XXD IRF-ASA28XXD Datasheet
110Kb / 5P
   HYBRID-HIGH RELIABILITYDC/DC CONVERTER
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com