Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7702GPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7702GPBF
Description  Ultra Low On-Resistance P-Channel MOSFET Very Small SOIC Package Low Profile (< 1.2mm) Available in Tape & Reel Lead-Free Halogen-Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7702GPBF Datasheet(HTML) 6 Page - International Rectifier

  IRF7702GPBF Datasheet HTML 1Page - International Rectifier IRF7702GPBF Datasheet HTML 2Page - International Rectifier IRF7702GPBF Datasheet HTML 3Page - International Rectifier IRF7702GPBF Datasheet HTML 4Page - International Rectifier IRF7702GPBF Datasheet HTML 5Page - International Rectifier IRF7702GPBF Datasheet HTML 6Page - International Rectifier IRF7702GPBF Datasheet HTML 7Page - International Rectifier IRF7702GPBF Datasheet HTML 8Page - International Rectifier IRF7702GPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF7703GPbF
6
www.irf.com
Fig 13. Typical On-Resistance Vs.
Drain Current
Fig 12. Typical On-Resistance Vs.
Gate Voltage
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
3.0
5.0
7.0
9.0
11.0
13.0
15.0
-VGS, Gate -to -Source Voltage (V)
0.01
0.02
0.03
0.04
0.05
ID = -6.0A
VGS = -10V
0
5
10
15
20
25
-ID , Drain Current (A)
0.015
0.020
0.025
0.030
0.035
0.040
VGS = -4.5V


Similar Part No. - IRF7702GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7702GPBF IRF-IRF7702GPBF Datasheet
233Kb / 8P
   HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated
More results

Similar Description - IRF7702GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML5103PBF IRF-IRLML5103PBF_11 Datasheet
222Kb / 8P
   Lead-Free, Fast Switching, Available in Tape and Reel
logo
Delta Electronics, Inc.
RL36370-R002-F DELTA-RL36370-R002-F Datasheet
125Kb / 6P
   3W 3637 Low Resistance Chip Resistor (Lead free / Halogen Free)
logo
DAESAN ELECTRONIC CORP.
RL1632-6C-R005F DAESAN-RL1632-6C-R005F Datasheet
121Kb / 7P
   1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632H-R005F DAESAN-RL1632H-R005F Datasheet
92Kb / 7P
   1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
logo
Delta Electronics, Inc.
RLT1632-F-R050F DELTA-RLT1632-F-R050F Datasheet
119Kb / 9P
   1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RLT1632-4-R050F DELTA-RLT1632-4-R050F Datasheet
141Kb / 9P
   1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL2550W-R005F DELTA-RL2550W-R005F Datasheet
100Kb / 8P
   1W, 2010, Low Resistance Chip Resistor (Lead / Halogen Free)
RL1632W-6-R001F DELTA-RL1632W-6-R001F Datasheet
129Kb / 6P
   1W, 0612 Low Resistance Chip Resistor (Lead / Halogen Free)
RLW2012-6-R005F DELTA-RLW2012-6-R005F Datasheet
135Kb / 7P
   1W, 0805 Low Resistance Chip Resistor (Lead / Halogen free)
logo
Rohm
QDZ5.6 ROHM-QDZ5.6 Datasheet
834Kb / 9P
   Small silicon package Halogen free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com