Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32632B1152 Datasheet(PDF) 9 Page - EPCOS

Part # B32632B1152
Description  Metallized Polypropylene Film Capacitors (MFP)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32632B1152 Datasheet(HTML) 9 Page - EPCOS

Back Button B32632B1152 Datasheet HTML 5Page - EPCOS B32632B1152 Datasheet HTML 6Page - EPCOS B32632B1152 Datasheet HTML 7Page - EPCOS B32632B1152 Datasheet HTML 8Page - EPCOS B32632B1152 Datasheet HTML 9Page - EPCOS B32632B1152 Datasheet HTML 10Page - EPCOS B32632B1152 Datasheet HTML 11Page - EPCOS B32632B1152 Datasheet HTML 12Page - EPCOS B32632B1152 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Ordering codes and packing units (lead spacing 22.5 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
010 = Untaped crimped (lead length 6
1 mm)
008 = Untaped straight (lead length 17
±3 mm)
020 = Double crimped (lead length 6
1 mm)
Packaging codes for further lead configurations (untaped):
Lead configuration (lead length 6
1 mm)
Reduced
Reduced
Reduced
Enlarged
Lead spacing (mm)
15 mm
17.5 mm
20 mm
25 mm
Packaging code
055
060
070
080
2500 750
1.0
7.0
× 13.5 × 27.0 B32633B3102+*** 1800
2600
4000
1.5
7.0
× 14.0 × 27.0 B32633B3152+*** 1800
2600
4000
2.2
7.5
× 15.0 × 27.0 B32633B3222+*** 1800
2400
2000
3.3
9.0
× 16.0 × 27.0 B32633B3332+*** 1400
2000
2000
4.7 10.0
× 18.0 × 27.0 B32633B3472+*** 1400
2000
2000
6.8 12.0
× 20.5 × 27.0 B32633B3682+*** 1200
1600
1000
10
14.0
× 23.0 × 27.0 B32633B3103+*** 1000
1400
1000
15
17.0
× 26.0 × 27.0 B32633B3153+***
800
1200
800
3000 750
1.0
6.5
× 12.0 × 27.0 B32633B4102+*** 2600
3600
2000
1.5
7.5
× 13.5 × 27.0 B32633B4152+*** 2200
3000
2000
2.2
8.5
× 15.0 × 27.0 B32633B4222+*** 1800
2600
2000
3.3 10.0
× 17.0 × 27.0 B32633B4332+*** 1600
2200
2000
4.7 11.5
× 19.0 × 27.0 B32633B4472+*** 1200
1800
2000
6.8 13.0
× 22.0 × 27.0 B32633B4682+*** 1000
1400
800
B32633
Very high pulse (wound)
Page 9 of 29
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32632B1152

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32632 TDK-B32632 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
More results

Similar Description - B32632B1152

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32682 TDK-B32682_16 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
B32686S TDK-B32686S_16 Datasheet
430Kb / 20P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32682 EPCOS-B32682 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
logo
TDK Electronics
B32694 TDK-B32694_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors (MKP/MFP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com