Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62S22-L5-040S Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 62S22-L5-040S
Description  Compact 1/2' Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

62S22-L5-040S Datasheet(HTML) 1 Page - Grayhill, Inc

  62S22-L5-040S Datasheet HTML 1Page - Grayhill, Inc 62S22-L5-040S Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
FEATURES
• Compact Size, Requires Minimal
Behind Panel Space
• 1/2 Million Rotations for High
Torque
• 1 Million Rotational Cycles,
3 Million for Non-Detent Styles
• Optional Integral Pushbutton
DIMENSIONS In inches (and millimeters)
• Choices of Cable Length and
Terminations
APPLICATIONS
• Global Positioning/Driver
Information Systems
• Medical Equipment
Unless otherwise specified, standard tolerance is ±.010 (0,25)
Encoder
3
SERIES 62S
Compact 1/2'' Package
.066±.002
(1,68±0,05)
.152±.002
(3,86±0,05)
.500
(12,7)
.250
(6,35)
.540
(13,72)
.250
(6,35)
SCALE 0.500
.125
(3,18)
.250
(6,35)
.152.002
(3,860,05)
.066.002
(1,680,05)
.500
(12,7)
.540
(13,72)
.250
(6,36)
.250
(6,35)
Ø.249.002
(6,320,05)
3/8-32 UNEF-2A
THREAD
.130
(3,3)
.434.015
(11,020,38)
PINS ARE
.016 SQUARE
(0,41)
SCALE 0.500
.219.003
(5,560,07)
.050 REF.
(1,27)
.400
(10,15)
.500
(12,7)
SCALE
0.500
.250
(6,35)
.540
(13,72)
.500
(12,7)
.670
(17,02)
.250
(6,35)
.249.002
(6,320,05)
.219.003
(5,560,07)
3/8-32 UNEF-2A
THREAD
.312
(7,92)
.687.015
(17,450,38)
.290
(7,37)
4.000.20
CABLE LENGTH
IS MEASURED
FROM THE PCB
TO THE BOTTOM
OF THE CONNECTOR
CONNECTOR IS
AMP P/N 640442-6
OR EQUIVALENT
.152.002
(3,860,05)
.066.002
(1,680,05)
.219±.003
(5,56±0,07)
3/8-32 UNEF-2A
THREAD
.249.002
(6,320,05)
.687±.015
(17,45±0,38)
.290
(7,34)
CABLE LENGTH
XXX.20
(XXX5,1)
CONNECTOR IS AMP
P/N 215083-6
OR EQUIVALENT
.312
(7,92)
.290
(7,37)
.066.002
(1,680,05)
.152.002
(3,860,05)
.100 REF.
(2,54)
.500
(12,7)
.540
(13,72)
.250
(6,35)
.312
(7,92)
.290
(7,37)
.400.015
(10,160,38)
.687.015
(17,450,38)
.455
(11,56)
.250
(6,35)
.630
(16)
.500
(12,7)
.250
(6,35)
SCALE 0.500
Ø.249.002
(6,320,05)
.219.003
(5,560,07)
3/8-32 UNEF-2A
THREAD
.230
(5,84)
.574.015
(14,580,38)
PINS ARE
.025 SQUARE
(0,64)
.312
(7,92)
.687.015
(17,450,38)
.350.015
(8,880,38)


Similar Part No. - 62S22-L5-040S

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62S22-L5-040S GRAYHILL-62S22-L5-040S Datasheet
5Mb / 33P
   Custom, Absolute
62S22-L5-040SH GRAYHILL-62S22-L5-040SH Datasheet
5Mb / 33P
   Custom, Absolute
More results

Similar Description - 62S22-L5-040S

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62A GRAYHILL-62A Datasheet
126Kb / 3P
   1/2' Package
logo
Marktech Corporate
MTRS1070 MARKTECH-MTRS1070 Datasheet
67Kb / 2P
   Compact Package
logo
KODENSHI_AUK CORP.
EL333F1 KODENSHI-EL333F1 Datasheet
132Kb / 3P
   Compact package
logo
Minmax Technology Co., ...
MSCW01 MINMAX-MSCW01 Datasheet
344Kb / 4P
   DC/DC CONVERTER 1W Ultra compact SMD Package Wide 2:1 lnput Range
MAW01 MINMAX-MAW01 Datasheet
330Kb / 4P
   DC/DC CONVERTER 1W Compact SIP-6 Package Wide 2:1 Input Range
logo
Red Lion Controls. Inc
ANT2458Q5P2 REDLION-ANT2458Q5P2 Datasheet
464Kb / 2P
   Compact, Dual-Band, 1/2 Wave Antenna
ANT-DB1-RAF-RPSMA REDLION-ANT-DB1-RAF-RPSMA Datasheet
1Mb / 2P
   Compact Dual-Band 1/2 Wave Antenna
logo
IK Semicon Co., Ltd
IL5009 IKSEMICON-IL5009 Datasheet
226Kb / 3P
   Package is compact
logo
Hubbell Incorporated.
VAULH112 HUBBELL-VAULH112 Datasheet
378Kb / 2P
   Aluminum Compression Terminal for #2 - #1 str AL/CU, #2 6/1, 7/1 ACSR, #1 COMPACT
VAULH112BN HUBBELL-VAULH112BN Datasheet
378Kb / 2P
   Aluminum Compression Terminal for #2 - #1 str AL/CU, #2 6/1, 7/1 ACSR, #1 COMPACT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com