Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25667B4347A375 Datasheet(PDF) 3 Page - EPCOS

Part # B25667B4347A375
Description  PhaseCap Premium capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25667B4347A375 Datasheet(HTML) 3 Page - EPCOS

  B25667B4347A375 Datasheet HTML 1Page - EPCOS B25667B4347A375 Datasheet HTML 2Page - EPCOS B25667B4347A375 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power Capacitors
B25667B4347A375
Power Factor Correction
MKK480-D-25-01
Edition 4.
FK PFC RD / CA
01.12.06
Page 3 of 3
Please read information about PFC capacitors and cautions as well as installation and maintenance instructions (Power Factor Correction Product Profile,
actual version, and Installation and Maintenance Instructions for PFC-capacitors, available in the Internet) to ensure optimum performance and prevent products
from failing, and in worst case, bursting and fire.
Information given in the PFC-product profile and values given in the data sheet reflect typical specifications. You are kindly requested to approve our product
specifications or request our approval for your specification before ordering.
© EPCOS AG 2005. All Rights reserved. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein
without EPCOS' prior express consent is prohibited. The information contained in this data sheet describes the type of component and shall not be considered
as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics
Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.
Terminals
Degree of protection
Isolated terminals, IP20
Max. torque
1.2 Nm
Terminal cross section
16 mm2 (5 AWG)
Maximum terminal current
50 A
Creepage distance
12.7 mm
Clearance
9.6 mm
Safety
Mechanical safety
Overpressure disconnector
Max. short circuit current
(AFC: 10 kA)
Discharge resistor time
1 min (75 V)
Reference Standards
IEC 60831-1/2, UL 810-5th edition
Certification: cUL file E238746


Similar Part No. - B25667B4347A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4347A375 EPCOS-B25667B4347A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B4347A375 EPCOS-B25667B4347A375 Datasheet
36Kb / 2P
   Capacitors for Power Electronics
More results

Similar Description - B25667B4347A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B2457A375 EPCOS-B25667B2457A375 Datasheet
141Kb / 3P
   PhaseCap Premium capacitors
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
139Kb / 3P
   PhaseCap Premium capacitors
B25667C2507A175 EPCOS-B25667C2507A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
B25667C3297A375 EPCOS-B25667C3297A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C3397A375 EPCOS-B25667C3397A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C4277A375 EPCOS-B25667C4277A375 Datasheet
357Kb / 10P
   PhaseCap Premium capacitors
B25667C4287A375 EPCOS-B25667C4287A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A365 EPCOS-B25667C4417A365 Datasheet
139Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A375 EPCOS-B25667C4417A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4866A375 EPCOS-B25667C4866A375 Datasheet
136Kb / 10P
   PhaseCap Premium capacitors
B25667C5217A175 EPCOS-B25667C5217A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com