Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32633B2103 Datasheet(PDF) 11 Page - EPCOS

Part # B32633B2103
Description  Metallized Polypropylene Film Capacitors (MFP)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32633B2103 Datasheet(HTML) 11 Page - EPCOS

Back Button B32633B2103 Datasheet HTML 7Page - EPCOS B32633B2103 Datasheet HTML 8Page - EPCOS B32633B2103 Datasheet HTML 9Page - EPCOS B32633B2103 Datasheet HTML 10Page - EPCOS B32633B2103 Datasheet HTML 11Page - EPCOS B32633B2103 Datasheet HTML 12Page - EPCOS B32633B2103 Datasheet HTML 13Page - EPCOS B32633B2103 Datasheet HTML 14Page - EPCOS B32633B2103 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Technical data
Operating temperature range
Max. operating temperature Top,max
+110
°C
Upper category temperature Tmax
+100
°C
Lower category temperature Tmin
55
°C
Rated temperature TR
+85
°C
Dissipation factor tan
δ
1.0
10-3 (at 10 kHz)
at 20
°C
2.0
10-3 (at 100 kHz)
(upper limit values)
Insulation resistance Rins
100 G
at 20
°C, rel. humidity ≤ 65%
(minimum as-delivered values)
DC test voltage
2.0
VR, 2 s
(B32632/3000 V DC: 1.2
VR, 2 s;
B32633/3000 V DC: 1.6
VR, 2 s)
Category voltage VC
TA (
°C)
DC voltage derating
AC voltage derating
(continuous operation with VDC TA
≤ 85
VC = VR
VC,RMS = VRMS
or VAC at f
≤ 1 kHz)
85<TA
≤100 V
C = VR
(165 TA)/80
VC,RMS = VRMS (165 TA)/80
Operating voltage Vop for
TA (
°C)
DC voltage (max. hours) AC voltage (max. hours)
short operating periods
TA
≤ 85
Vop = 1.25 VC (2000 h) Vop = 1.0 VC,RMS (2000 h)
(VDC or VAC at f
≤ 1 kHz)
85<TA
≤100 V
op = 1.25
VC (1000 h) Vop = 1.0 VC,RMS (1000 h)
Damp heat test
56 days/40
°C/93% relative humidity
Limit values after damp
Capacitance change
∆C/C
≤ 2%
heat test
Dissipation factor change
∆ tan δ
≤ 1.0 10-3 (at 10 kHz)
Insulation resistance Rins
≥ 50% of minimum
as-delivered values
Reliability:
Failure rate
λ
1 fit (
≤ 2 10-9/h) at 0.5 V
R, 40
°C
Service life tSL
200 000 h at 1.0
VR, 85
°C
For conversion to other operating conditions and temperatures,
refer to chapter "Quality, 2 Reliability".
Failure criteria:
Total failure
Short circuit or open circuit
Failure due to variation
Capacitance change
∆C/C
> 10%
of parameters
Dissipation factor tan
δ
> 4
upper limit value
Insulation resistance Rins
< 1500 M
B32632 ... B32634
Very high pulse (wound)
Page 11 of 29
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32633B2103

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32632 TDK-B32632 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
B32634 TDK-B32634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
More results

Similar Description - B32633B2103

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32682 TDK-B32682_16 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
B32686S TDK-B32686S_16 Datasheet
430Kb / 20P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32682 EPCOS-B32682 Datasheet
176Kb / 19P
   Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
logo
TDK Electronics
B32694 TDK-B32694_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors (MKP/MFP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com