Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PC50SDPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRG4PC50SDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50SDPBF Datasheet(HTML) 4 Page - International Rectifier

  IRG4PC50SDPBF Datasheet HTML 1Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 2Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 3Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 4Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 5Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 6Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 7Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 8Page - International Rectifier IRG4PC50SDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRG4PC50SDPbF
4
www.irf.com
Fig. 5 - Typical Collector-to-Emitter Voltage
vs. Junction Temperature
Fig. 4 - Maximum Collector Current vs.
Case Temperature
Fig. 6- Maximum IGBT Effective Transient Thermal Impedance, Junction-to-Case


Similar Part No. - IRG4PC50SDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC50S IRF-IRG4PC50S Datasheet
164Kb / 8P
   INSULATED GATE BIPOLAR TANSISTOR(Vces=600V, Vce(on)typ.=1.28V, @Vge=15V, Ic=41A)
IRG4PC50S IRF-IRG4PC50S Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRG4PC50S-P IRF-IRG4PC50S-P Datasheet
151Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4PC50SPBF IRF-IRG4PC50SPBF Datasheet
982Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50SPBF IRF-IRG4PC50SPBF Datasheet
983Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4PC50SDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com