Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B88069X4590C102 Datasheet(PDF) 2 Page - EPCOS

Part # B88069X4590C102
Description  Surge arrester 2-electrode arrester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B88069X4590C102 Datasheet(HTML) 2 Page - EPCOS

  B88069X4590C102 Datasheet HTML 1Page - EPCOS B88069X4590C102 Datasheet HTML 2Page - EPCOS B88069X4590C102 Datasheet HTML 3Page - EPCOS B88069X4590C102 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X4590C102
2-electrode arrester
M51-A600X
KB AB E / KB AB PM
Issue 03 / 2007-04-19
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Very small size
High current rating
Very fast response time
Stable performance over life
Very low capacitance
High insulation resistance
RoHS-compatible
AC power line devices
Consumer electronics
Power supply
Electrical specifications
DC spark-over voltage
1) 2)
570 … 780
V
Impulse spark-over voltage
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 1350
< 1200
< 1500
< 1350
V
V
V
V
Service life
10 operations
50 Hz, 1 s
5
A
1 operation
50 Hz, 0.18 s (9 cycles)
10
A
10 operations
8/20 µs
5
kA
1 operation
8/20 µs
10
kA
1 operation
10/350 µs
0.5
kA
Insulation resistance at 100 Vdc
> 1
G
Ω
Capacitance at 1 MHz
< 1
pF
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 15
~ 0.5
~ 60
V
A
V
Weight
~ 1
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, blue negative
600 YY O
600
- Nominal voltage
YY
- Year of production
O
- Non radioactive
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845


Similar Part No. - B88069X4590C102

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X4521B502 EPCOS-B88069X4521B502 Datasheet
62Kb / 4P
   Surge arrester 3-electrode arrester
More results

Similar Description - B88069X4590C102

ManufacturerPart #DatasheetDescription
logo
EPCOS
V10-H22X EPCOS-V10-H22X Datasheet
83Kb / 2P
   Surge Arrester 2-Electrode-Arrester
B88069X0590S102 EPCOS-B88069X0590S102 Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4241S102 EPCOS-B88069X4241S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X9271S102 EPCOS-B88069X9271S102 Datasheet
66Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4190T103 EPCOS-B88069X4190T103 Datasheet
132Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4261B502 EPCOS-B88069X4261B502 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X5591T902 EPCOS-B88069X5591T902 Datasheet
142Kb / 5P
   Surge arrester 2-electrode arrester
B88069X7200B502 EPCOS-B88069X7200B502 Datasheet
62Kb / 4P
   SURGE ARRESTER 2-electrode arrester
B88069X0660S102 EPCOS-B88069X0660S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X2670T902 EPCOS-B88069X2670T902 Datasheet
101Kb / 2P
   SURGE ARRESTER 2-electrode arrester
B88069X720S102 EPCOS-B88069X720S102 Datasheet
101Kb / 4P
   Surge arrester 2-electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com