Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32774D1305 Datasheet(PDF) 10 Page - EPCOS

Part # B32774D1305
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32774D1305 Datasheet(HTML) 10 Page - EPCOS

Back Button B32774D1305 Datasheet HTML 6Page - EPCOS B32774D1305 Datasheet HTML 7Page - EPCOS B32774D1305 Datasheet HTML 8Page - EPCOS B32774D1305 Datasheet HTML 9Page - EPCOS B32774D1305 Datasheet HTML 10Page - EPCOS B32774D1305 Datasheet HTML 11Page - EPCOS B32774D1305 Datasheet HTML 12Page - EPCOS B32774D1305 Datasheet HTML 13Page - EPCOS B32774D1305 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ESL values
ESL
2-pin
B32774D
25 nH
B32776E
10 nH
4-pin
B32776G
15 nH
B32778G
15 nH
Typical waveforms
Restrictions:
VR: Maximum operating peak voltage of either polarity but of a non-reversing waveform, for which
the capacitor has been designed for continuous operation.
AC
≤ 0.2 V
R
VP,max: Maximum permissible recurrent voltage that may appear for 2% of the period.
B32774 ... B32778
MKP DC link
high density series
Page 10 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32774D1305

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32774D1305+000 EPCOS-B32774D1305+000 Datasheet
273Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32774D1305J000 EPCOS-B32774D1305J000 Datasheet
280Kb / 21P
   Film Capacitors
B32774D1305K000 EPCOS-B32774D1305K000 Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32774D1305K000 EPCOS-B32774D1305K000 Datasheet
280Kb / 21P
   Film Capacitors
logo
TDK Electronics
B32774D1305K000 TDK-B32774D1305K000 Datasheet
1Mb / 45P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32774D1305

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com