Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32612J1103 Datasheet(PDF) 9 Page - EPCOS

Part # B32612J1103
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32612J1103 Datasheet(HTML) 9 Page - EPCOS

Back Button B32612J1103 Datasheet HTML 5Page - EPCOS B32612J1103 Datasheet HTML 6Page - EPCOS B32612J1103 Datasheet HTML 7Page - EPCOS B32612J1103 Datasheet HTML 8Page - EPCOS B32612J1103 Datasheet HTML 9Page - EPCOS B32612J1103 Datasheet HTML 10Page - EPCOS B32612J1103 Datasheet HTML 11Page - EPCOS B32612J1103 Datasheet HTML 12Page - EPCOS B32612J1103 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Ordering codes and packing units (lead spacing 22.5 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
010 = Untaped crimped (lead length 6
1 mm)
008 = Untaped straight (lead length 17
±3 mm)
020 = Double crimped (lead length 6
1 mm)
Packaging codes for further lead configurations (untaped):
Lead configuration (lead length 6
1 mm)
Reduced
Reduced
Reduced
Enlarged
Lead spacing (mm)
15 mm
17.5 mm
20 mm
25 mm
Packaging code
055
060
070
080
250
160
220
7.0
× 14.5 × 26.5 B32613A3224+*** 2000
2800
2000
330
7.0
× 14.5 × 26.5 B32613A3334+*** 2000
2800
2000
470
8.0
× 15.5 × 26.5 B32613A3474+*** 1800
2400
2000
680
9.5
× 16.0 × 26.5 B32613A3684+*** 1400
2000
2000
1000
11.0
× 19.0 × 26.5 B32613A3105+*** 1200
1800
1000
400
200
150
7.0
× 13.5 × 26.5 B32613A4154+*** 2000
2800
2000
220
7.0
× 14.0 × 26.5 B32613A4224+*** 2000
2800
2000
330
8.0
× 16.0 × 26.5 B32613A4334+*** 1800
2400
2000
470
9.5
× 16.0 × 26.5 B32613A4474+*** 1400
2000
1000
680
11.5
× 17.5 × 26.5 B32613A4684+*** 1200
1600
1000
630
250
100
7.0
× 12.5 × 26.5 B32613A6104+*** 2000
2800
1000
150
7.5
× 14.0 × 26.5 B32613A6154+*** 1800
2600
1000
220
9.0
× 15.5 × 26.5 B32613A6224+*** 1600
2200
1000
330
10.0
× 18.0 × 26.5 B32613A6334+*** 1400
2000
1000
470
11.0
× 20.0 × 26.5 B32613A6474+*** 1200
1800
1000
1000
250
33
8.5
× 14.5 × 26.5 B32613A0333+*** 1600
2200
2000
47
10.0
× 15.5 × 26.5 B32613A0473+*** 1400
2000
1000
68
11.0
× 17.5 × 26.5 B32613A0683+*** 1200
1800
1000
100
10.0
× 16.5 × 26.5 B32613A0104+*** 1400
2000
1000
150
12.0
× 18.0 × 26.5 B32613A0154+*** 1200
1600
1000
B32613
High pulse (wound)
Page 9 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32612J1103

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32612J1103 TDK-B32612J1103 Datasheet
549Kb / 30P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32612J1103

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com