Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32776E0126 Datasheet(PDF) 4 Page - EPCOS

Part # B32776E0126
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32776E0126 Datasheet(HTML) 4 Page - EPCOS

  B32776E0126 Datasheet HTML 1Page - EPCOS B32776E0126 Datasheet HTML 2Page - EPCOS B32776E0126 Datasheet HTML 3Page - EPCOS B32776E0126 Datasheet HTML 4Page - EPCOS B32776E0126 Datasheet HTML 5Page - EPCOS B32776E0126 Datasheet HTML 6Page - EPCOS B32776E0126 Datasheet HTML 7Page - EPCOS B32776E0126 Datasheet HTML 8Page - EPCOS B32776E0126 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Ordering codes and packing units (lead spacing 27.5 mm)
CR
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max
70
°C
10 kHz
A
IRMS,max
70
°C
20 kHz
A
ESRtyp
70
°C
10 kHz
m
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
VR,70 °C = 450 V DC, Vop,85 °C = 450 V DC
5.0
11.0
× 21.0 × 31.5
B32774D4505+000
5.0
4.5
8.5
2352
10
15.0
× 24.5 × 31.5
B32774D4106+000
6.5
6.0
7.5
1680
22
22.0
× 36.5 × 31.5
B32774D4226+000
10.0
9.0
5.0
784
VR,70 °C = 800 V DC, Vop,85 °C = 700 V DC
3.0
11.0
× 21.0 × 31.5
B32774D8305+000
5.0
4.5
7.0
2352
5.0
14.0
× 24.5 × 31.5
B32774D8505+000
5.0
4.5
7.0
1848
12
22.0
× 36.5 × 31.5
B32774D8126+000
6.0
5.5
6.5
784
VR,70 °C = 1100 V DC, Vop,85 °C = 920 V DC
2.0
12.5
× 21.5 × 31.5
B32774D0205+000
4.0
3.5
7.0
2100
5.0
19.0
× 30.0 × 31.5
B32774D0505+000
6.5
6.0
6.0
896
7.0
22.0
× 36.5 × 31.5
B32774D0705+000
7.5
7.0
5.5
784
VR,70 °C = 1300 V DC, Vop,85 °C = 1100 V DC
1.5
12.5
× 21.5 × 31.5
B32774D1155+000
4.5
4.0
7.5
2100
3.0
18.0
× 27.5 × 31.5
B32774D1305+000
6.0
5.5
6.5
1428
5.0
22.0
× 36.5 × 31.5
B32774D1505+000
8.0
7.0
6.0
784
B32774
MKP DC link
high density series
Page 4 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32776E0126

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32776E0126+000 EPCOS-B32776E0126+000 Datasheet
273Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32776E0126000 TDK-B32776E0126000 Datasheet
1Mb / 45P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32776E0126

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com