Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54224 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL54224
Description  High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54224 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54224 Datasheet HTML 1Page - Intersil Corporation ISL54224 Datasheet HTML 2Page - Intersil Corporation ISL54224 Datasheet HTML 3Page - Intersil Corporation ISL54224 Datasheet HTML 4Page - Intersil Corporation ISL54224 Datasheet HTML 5Page - Intersil Corporation ISL54224 Datasheet HTML 6Page - Intersil Corporation ISL54224 Datasheet HTML 7Page - Intersil Corporation ISL54224 Datasheet HTML 8Page - Intersil Corporation ISL54224 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
High-Speed USB 2.0 (480Mbps) Multiplexer with
Overvoltage Protection (OVP) and Overvoltage
Indicator Output
ISL54224
The Intersil ISL54224 is a single supply dual 2:1
multiplexer that can operate from a single 2.7V to 5.25V
supply. It contains two SPDT (Single Pole/Double
Throw) switches configured as a DPDT. The part was
designed for switching of USB data signals in portable
battery powered products.
The 6.5Ω switches were specifically designed to pass
USB high speed/full speed data signals. They have high
bandwidth and low capacitance to pass USB high speed
data signals with minimal distortion.
The ISL54224 has OVP circuitry on the D-/D+ com pins
that opens the USB in-line switches when the voltage at
these pins exceeds 3.8V (typ) or goes negative by -0.5V
(typ). It isolates fault voltages up to +5.25V or down to
-5V from getting passed to the other-side of the switch,
thereby protecting the USB transceivers.
The digital logic inputs are 1.8V logic compatible when
operated with a 2.7V to 3.6V supply. The ISL54224 has
an open drain OE/ALM pin that can be driven Low to
open all switches and outputs a Low when the OVP
circuitry is activated. It can be used to facilitate proper
bus disconnect and connection when switching between
the USB sources.
The ISL54224 is available in 10 Ld 1.8mmx1.4mm
µTQFN and 10 Ld TDFN packages. It operates over a
temperature range of -40 to +85°C.
Features
• High-Speed (480Mbps) and Full-Speed (12Mbps)
Signaling Capability per USB 2.0
• 1.8V Logic Compatible (2.7V to +3.6V supply)
• OE/ALM Pin to Open all Switches and Indicate
Overvoltage Fault Condition
• Power OFF Protection
• D-/D+ Pins Overvoltage Protection for +5.25V and
-5V Fault Voltages
• -3dB Frequency . . . . . . . . . . . . . . . . . . 780MHz
• Low ON Capacitance @ 240MHz . . . . . . . . . 3.3pF
• Low ON-Resistance . . . . . . . . . . . . . . . . . . 6.5Ω
• Single Supply Operation (VDD) . . . . 2.7V to 5.25V
• Available in µTQFN and TDFN Packages
• Pb-Free (RoHS Compliant)
• Compliant with USB 2.0 Short Circuit and
Overvoltage Requirements Without Additional
External Components
Applications*(see page 16)
• MP3 and other Personal Media Players
• Cellular/Mobile Phones
•PDA’s
• Digital Cameras and Camcorders
• USB Switching
Related Literature*(see page 16)
•See AN1571 “ISL54224IRTZEVAL1Z Evaluation
Board User's Manual”
Typical Application
USB 2.0 HS Eye Pattern With
Switches in the Signal Path
ISL54224
USB
TRANSCEIVER
D-
D+
GND
HSD1+
HSD1-
VDD
OE/ALM
µP
VBUS
D-
D+
GND
OVP
500Ω
SEL
LOGIC
CONTROL
3.3V
USB
TRANSCEIVER
100kΩ
HSD2+
HSD2-
3.3V
TIME SCALE (0.2ns/DIV)
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
June 7, 2010
FN6969.0


Similar Part No. - ISL54224

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54224IRTZ RENESAS-ISL54224IRTZ Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54224IRTZ-T RENESAS-ISL54224IRTZ-T Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54224IRUEVAL1Z RENESAS-ISL54224IRUEVAL1Z Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
More results

Similar Description - ISL54224

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Intersil Corporation
ISL54225 INTERSIL-ISL54225_10 Datasheet
758Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com