Electronic Components Datasheet Search |
|
ISL35411DRZ-TS Datasheet(PDF) 5 Page - Intersil Corporation |
|
ISL35411DRZ-TS Datasheet(HTML) 5 Page - Intersil Corporation |
5 / 11 page ISL35411 5 FN6971.1 March 25, 2010 Output Return Loss Limit (Differential) SDD22 100 MHz to 4.1GHz See 7 dB 7 4.1GHz to 11.1GHz See 8 dB 8 Output Return Loss Limit (Common Mode) SCC22 100MHz to 2.5GHz See 9 dB 9 2.5GHz to 11.1GHz -3 dB 12 Output Return Loss Limit (Com. to Diff. Conversion) SDC22 100MHz to 11.1GHz -10 dB 12 Residual Deterministic Jitter 11.1Gbps; no channel attenuation; de-emphasis disabled 0.1 UI 10 Random Jitter 0.7 psRMS Output Transition Time tr, tf 20% to 80% 35 ps 11 Minimum De-Emphasis Level 0dB Maximum De-Emphasis Level 4dB De-Emphasis Resolution 0.5 dB NOTES: 6. Temperature = +25°C, VDD = 1.2V. 7. Maximum Reflection Coefficient given by equation SDDXX(dB)= -12 + 2*√(f ), with f in GHz. Established by characterization and not production tested. 8. Maximum Reflection Coefficient given by equation SDDXX(dB)= -6.3 + 13Log10(f/5.5), with f in GHz. Established by characterization and not production tested. 9. Reflection Coefficient given by equation SCCXX(dB) < -7 + 1.6*f, with f in GHz. Established by characterization and not production tested. 10. Measured using a PRBS 27-1 pattern. 11. Rise and fall times measured with a 1-1-1-1-1-1-1-1-0-0-0-0-0-0-0-0 test pattern at 11.1Gbps with no channel loss and disabled de-emphasis. 12. Limits established by characterization and are not production tested. Electrical Characteristics VDD = 1.2V, TA = +25°C, and VIN = 600mVP-P, unless otherwise noted. (Continued) PARAMETER SYMBOL CONDITION MIN TYP MAX UNITS NOTES |
Similar Part No. - ISL35411DRZ-TS |
|
Similar Description - ISL35411DRZ-TS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |