Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54224IRTZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL54224IRTZ
Description  High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54224IRTZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL54224IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54224IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54224IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54224IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54224IRTZ Datasheet HTML 9Page - Intersil Corporation ISL54224IRTZ Datasheet HTML 10Page - Intersil Corporation ISL54224IRTZ Datasheet HTML 11Page - Intersil Corporation ISL54224IRTZ Datasheet HTML 12Page - Intersil Corporation ISL54224IRTZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN6969.0
June 7, 2010
Application Block Diagram
Detailed Description
The ISL54224 device is a dual single pole/double throw
(SPDT) analog switch configured as a DPDT that operates
from a single DC power supply in the range of 2.7V to
5.25V.
It was designed to function as a dual 2-to-1 multiplexer
to select between two USB high-speed differential data
signals in portable battery powered products. It is offered
in a TDFN, and a small µTQFN packages for use in MP3
players, cameras, PDAs, cellphones, and other personal
media players.
The part contains special overvoltage detection and
protection (OVP) circuitry on the D-/D+ com pins. This
circuitry acts to open the USB in-line switches when the
part senses a voltage on the com pins that is >3.8V (typ)
or < -0.5V (typ). It isolates voltages up to 5.25V and
down to -5V from getting through to the other side of the
switch to protect the USB transceivers connected at the
signal pins (HSD1-, HSD1+, HSD2-, HSD2+).
The device has an open drain OE/ALM pin that can be
driven “Low” to open all switches. The OE/ALM pin gets
internally pulled “Low” whenever the part senses an
overvoltage condition. The pin must be externally pulled
“High” with a 100kΩ pull-up resistor and monitored for a
“Low” to determine when an overvoltage condition has
occurred.
The part consists of four 6.5Ω high speed (HSx) switches.
These switches have high bandwidth and low capacitance
to pass USB high-speed (480Mbps) differential data
signals with minimal edge and phase distortion. They can
also swing from 0V to 3.6V to pass USB full speed
(12Mbps) differential data signals with minimal
distortion.
The ISL54224 was designed for MP3 players, cameras,
cellphones, and other personal media player applications
that have multiple high-speed or full-speed transceivers
sections and need to multiplex between these USB
sources to a single USB host (computer). A typical
application block diagram of this functionality is
previously shown.
A detailed description of the HS switches is provided in
the following section.
High-Speed (HSx) Data Switches
The HSx switches (HSD1-, HSD1+, HSD2-, HSD2+) are
bi-directional switches that can pass USB high-speed and
USB full-speed signals when VDD is in the range of 2.7V
to 5.25V.
When powered with a 2.7V supply, these switches have a
nominal rON of 6.5Ω over the signal range of 0V to
400mV with a rON flatness of 0.3Ω. The rON matching
between the HSD1x switches and HSD2x switches over
this signal range is only 0.2Ω, ensuring minimal impact
by the switches to USB high-speed signal transitions. As
the signal level increases, the rON switch resistance
increases. At a signal level of 3.3V, the switch resistance
is nominally 12Ω. See Figures 9, 10, 11, 12, 13, 14, 15,
and 16 in the “Typical Performance Curves” beginning on
page 12.
The HSx switches were specifically designed to pass USB
2.0 high-speed (480Mbps) differential signals in the
range of 0V to 400mV. They have low capacitance and
high bandwidth to pass the USB high-speed signals with
minimum edge and phase distortion to meet USB 2.0
high speed signal quality specifications. See Figure 20 in
the “Typical Performance Curves” on page 14 for USB
High-speed Eye Pattern taken with switch in the signal
path.
PORTABLE MEDIA DEVICE
ISL54224
USB
TRANSCEIVER
HIGH-SPEED
D-
D+
SEL
GND
HSD1-
HSD1+
HSD2-
HSD2+
VDD
OE/ALM
LOGIC CIRCUITRY
µCONTROLLER
USB
TRANSCEIVER
FULL-SPEED
VBUS
D-
D+
GND
OR
FULL-SPEED
HIGH_SPEED
OR
OVP
#1
#2
4MΩ
4MΩ
100kΩ
500Ω
3.3V
3.3V
ISL54224


Similar Part No. - ISL54224IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54224IRTZ RENESAS-ISL54224IRTZ Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54224IRTZ-T RENESAS-ISL54224IRTZ-T Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
More results

Similar Description - ISL54224IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Intersil Corporation
ISL54225 INTERSIL-ISL54225_10 Datasheet
758Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com