Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32UC3L064 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT32UC3L064
Description  32-bit AVR짰 Microcontroller
Download  830 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3L064 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT32UC3L064_2 Datasheet HTML 2Page - ATMEL Corporation AT32UC3L064_2 Datasheet HTML 3Page - ATMEL Corporation AT32UC3L064_2 Datasheet HTML 4Page - ATMEL Corporation AT32UC3L064_2 Datasheet HTML 5Page - ATMEL Corporation AT32UC3L064_2 Datasheet HTML 6Page - ATMEL Corporation AT32UC3L064_2 Datasheet HTML 7Page - ATMEL Corporation AT32UC3L064_2 Datasheet HTML 8Page - ATMEL Corporation AT32UC3L064_2 Datasheet HTML 9Page - ATMEL Corporation AT32UC3L064_2 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 830 page
background image
6
32099D–06/2010
AT32UC3L016/32/64
2.2
Configuration Summary
Table 2-1.
Configuration Summary
Feature
AT32UC3L064
AT32UC3L032
AT32UC3L016
Flash
64KB
32KB
16KB
SRAM
16KB
16KB
8KB
GPIO
36
High-drive pins
5
External Interrupts
6
TWI
2
USART
4
Peripheral DMA Channels
12
Peripheral Event System
1
SPI
1
Asynchronous Timers
1
Timer/Counter Channels
6
PWM channels
36
Frequency Meter
1
Watchdog Timer
1
Power Manager
1
Secure Access Unit
1
Glue Logic Controller
1
Oscillators
Digital Frequency Locked Loop 40-150 MHz (DFLL)
Crystal Oscillator 3-16 MHz (OSC0)
Crystal Oscillator 32 KHz (OSC32K)
RC Oscillator 120MHz (RC120M)
RC Oscillator 115 kHz (RCSYS)
RC Oscillator 32 kHz (RC32K)
ADC
8-channel 12-bit
Temperature Sensor
1
Analog Comparators
8
Capacitive Touch Module
1
JTAG
1
aWire
1
Max Frequency
50 MHz
Package
TQFP48/QFN48/TLLGA48


Similar Part No. - AT32UC3L064_2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L064-AUR ATMEL-AT32UC3L064-AUR Datasheet
11Mb / 825P
   AVR32 32-bit Microcontroller
AT32UC3L064-AUR ATMEL-AT32UC3L064-AUR Datasheet
1Mb / 88P
   32-bit AVR짰Microcontroller
AT32UC3L064-AUT ATMEL-AT32UC3L064-AUT Datasheet
11Mb / 825P
   AVR32 32-bit Microcontroller
AT32UC3L064-AUT ATMEL-AT32UC3L064-AUT Datasheet
1Mb / 88P
   32-bit AVR짰Microcontroller
AT32UC3L064-AUTES ATMEL-AT32UC3L064-AUTES Datasheet
1Mb / 88P
   32-bit AVR짰Microcontroller
More results

Similar Description - AT32UC3L064_2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3B0512 ATMEL-AT32UC3B0512_1 Datasheet
10Mb / 676P
   32-bit AVR짰 Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_11 Datasheet
1Mb / 105P
   32-bit AVR짰 Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_11 Datasheet
1Mb / 91P
   32-bit AVR짰 Microcontroller
QT1110 ATMEL-QT1110 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATMEGA261 ATMEL-ATMEGA261_10 Datasheet
4Mb / 226P
   High Performance, Low Power AVR짰 8-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com