Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28413FBZ-T13 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL28413FBZ-T13
Description  Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28413FBZ-T13 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL28413FBZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL28413FBZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL28413FBZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL28413FBZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL28413FBZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL28413FBZ-T13 Datasheet HTML 12Page - Intersil Corporation ISL28413FBZ-T13 Datasheet HTML 13Page - Intersil Corporation ISL28413FBZ-T13 Datasheet HTML 14Page - Intersil Corporation ISL28413FBZ-T13 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
FN6728.4
March 25, 2010
IOS
25E-12
EOS
VCM
+
-
G1A
G2A
1
1
14
RA1
RA2
4
5
V++
D1
DX
D2
DX
R10
1E9
100
R9
15
R6
V2
1E-6V
+
-
V1
1E-6V
+
-
R5
R7
R8
10
10
1
1
I2
5E-3
6
I1
5E-3
R2
R1
R3
R4
1.0004
10
10
Cin1
1.26pF
Cin2
1.26pF
CinDiff
1.02pF
R22
5E11
R23
5E11
+
-
+
-
En
VOUT
V+
V-
+
-
+
-
+
-
D3
DX
D4
DX
V3
0.61V
V4
0.61V
G1
G2
R11
1
R12
1
4
5
V++
16
18
17
+
-
+
-
+
-
D5
DX
D6
DX
V5
V6
0.604V
G3
G4
R13
R14
Vg
20
19
C2
5.0nF
C3
5.0nF
Vmid
Vmid
+
-
G5
G6
R15
1E6
R16
22
21
L1
4.5474
L2
4.5474
1E6
VCM
+
-
+
-
ISY
90uA
V++
V-
V+
+
-
G11
G12
R19
50
R20
26
27
50
V--
VCM
Vc
+
-
+
-
D11
DY
D12
DY
D9
DX
D10
DX
D7
DX
D8
DX
Vg
V++
V--
V--
V7
V8
0.08V
0.08V
Vg
+
-
+
-
Vc
G10
G9
VOUT
24
25
1ST Gain Stage (Cont)
Mid Supply Ref
2nd Gain Stage
Common Mode Gain Stage
Supply Isolation Stage
E2
E3
Output Stage
C4
10pF
C3
10pF
R17
5305.32
R18
5305.32
23
+
-
G8
+
-
G7
Vmid
Vmid
0.604V
318.329E3
318.329E3
+
-
+
-
E4
Pole Stage
Vin+
En
R21
800E3
V9
0.00035V
D13
DN
V--
V--
28
29
In+
1
2
3
4
5
Vmid
Vc
11
12
9
10
13
7
8
1.0004
M14
M15
M16
M17
1ST Gain Stage
Input Stage
Vin-
Vmid
Vc
FIGURE 20. SPICE SCHEMATIC
FIGURE 20. SPICE SCHEMATIC
Voltage Noise Stage
ISL28113, ISL28213, ISL28413


Similar Part No. - ISL28413FBZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28413FBZ-T13 INTERSIL-ISL28413FBZ-T13 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28413FBZ-T13 RENESAS-ISL28413FBZ-T13 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
More results

Similar Description - ISL28413FBZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com