Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4612HSTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4612HSTRT
Description  40V Synchronous Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612HSTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4612HSTRT Datasheet HTML 3Page - Semtech Corporation SC4612HSTRT Datasheet HTML 4Page - Semtech Corporation SC4612HSTRT Datasheet HTML 5Page - Semtech Corporation SC4612HSTRT Datasheet HTML 6Page - Semtech Corporation SC4612HSTRT Datasheet HTML 7Page - Semtech Corporation SC4612HSTRT Datasheet HTML 8Page - Semtech Corporation SC4612HSTRT Datasheet HTML 9Page - Semtech Corporation SC4612HSTRT Datasheet HTML 10Page - Semtech Corporation SC4612HSTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SC4612H
7
Pin Descriptions
Pin #
MLPD
Pin #
SOIC
Pin Name
Pin Function
,7
NC
No Connection

2
ILIM
This pin can be used to modify the current limit threshold for the low side MOSFET R
DS(ON)
sensing. Once the voltage drop across the bottom MOSFET is larger than the pro-
grammed value, current limit condition occurs, and the hiccup current limit protection is
activated.
2
3
OSC
Oscillator Frequency set pin. An external capacitor to GND will program the oscillator
frequency. See Table  “Frequency vs. C OSC “ to determine oscillator frequency.
3
4
SS/EN
Soft Start pin. Internal current source connected to a single external capacitor will deter-
mine the soft-start duration for the output. Inhibits the chip if pulled down.
4
5
EAO
Error Amplifier Output. A compensation network is connected from this pin to FB.
5
8
FB
The inverting input of the error amplifier, used to sense the output voltage via a resistive
divider.
6
6
VDD
Main IC supply.
7
9
GND
Ground.
8
0
DL
Drive Low. Gate drive for the bottom MOSFET.
9

DRV
DRV supplies the external MOSFETs gate drive and the some internal circuitry. This pin
should be bypassed with a ceramic capacitor to GND. DRV is internally regulated from
the external supply connected to VDD. If VDD is below0V, the supply should be directly
connected to the DRV pin.
0
2
BST
Supply for high side driver; can be directly connected to an external supply or to a boot-
strap circuit.

3
DH
Drive High. Gate drive for the top MOSFET.
2
4
PHASE
The return path for the high side gate drive, also used to sense the voltage at the phase
node for adaptive gate drive protection and the low-side R
DS(ON) current sensing.
X
N/A
THERMAL PAD (GND)
Pad for heatsinking purposes. Connect to ground plane using multiple vias.


Similar Part No. - SC4612HSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4612HSTRT SEMTECH-SC4612HSTRT Datasheet
539Kb / 21P
   40V Synchronous Buck Controller
More results

Similar Description - SC4612HSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4612H SEMTECH-SC4612H Datasheet
539Kb / 21P
   40V Synchronous Buck Controller
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046_10 Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046 MAXIM-MAX15046 Datasheet
3Mb / 23P
   40V, High-Performance, Synchronous Buck Controller
Rev 0; 7/09
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
   40V Synchronous Buck Controller with 2ch CC/CV
logo
Analog Devices
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com