Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RCY-C2TV20 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0RCY-C2TV20
Description  ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-C2TV20 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0RCY-C2TV20 Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-C2TV20 Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-C2TV20 Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-C2TV20 Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-C2TV20 Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-C2TV20 Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-C2TV20 Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-C2TV20 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
3
ISOLATED DC/DC CONVERTERS
48 Vdc Input
1.2 Vdc /50 A Output
Aug. 10, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Output Specifications (continued)
Parameter
Min
Typ
Max
Unit
Notes
Output DC Current Limit
52
-
62
A
Short Circuit Surge Transient
-
2
4
A
2s
Turn on Time
-
-
40
mS
Overshoot at Turn on
-
0
-
%
Output Capacitance
0
-
20,000
uF
Transient Response
Overshoot
-
-
50
mV
25% ~ 50%
Max Load
Settling Time
-
-
250
uS
Overshoot
-
-
50
mV
50% ~ 25%
Max Load
Settling Time
Vo=
1.2V
-
-
250
uS
di/dt=0.1A/us, Vin=48Vdc, with a
1µF ceramic capacitor and a 330 µF
ESR≤50mOhm cap at output.
Note: All specifications are typical at nominal input, full load at 25°C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Unit
Notes
Efficiency (full load)
84
86
-
%
Efficiency (half load)
85
89
-
%
Measured at Vin=48 V
Switching Frequency
270
300
330
kHz
Isolation capacitance
-
2200
-
pF
Over Voltage Trim Range
90
-
110
%
Remote Sense Compensation
-
-
10
%
The total voltage increased by trim and
remote sense should not exceed
10%Vo.
Over Temperature Protection
-
125
-
°C
Over Voltage Protection
1.39
-
1.6
V
Weight
-
28
-
g
FIT
TBD
-
Calculated Per Bell Core SR-332
(Vin=48V, Io=80%load, Ta = 25
°C,
FIT=10
9/MTBF)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
2.30 x 0.90 x 0.40
58.42 x 22.78 x 10.26
-
Note: All specifications are typical at 25 °C unless otherwise stated.


Similar Part No. - 0RCY-C2TV20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-C2T03 BEL-0RCY-C2T03 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T030 BEL-0RCY-C2T030 Datasheet
170Kb / 6P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T030 BEL-0RCY-C2T030 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T033 BEL-0RCY-C2T033 Datasheet
276Kb / 9P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03L BEL-0RCY-C2T03L Datasheet
170Kb / 6P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-C2TV20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com