Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RCY-C2TV20 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # 0RCY-C2TV20
Description  ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-C2TV20 Datasheet(HTML) 6 Page - Bel Fuse Inc.

  0RCY-C2TV20 Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-C2TV20 Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-C2TV20 Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-C2TV20 Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-C2TV20 Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-C2TV20 Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-C2TV20 Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-C2TV20 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
6
ISOLATED DC/DC CONVERTERS
48 Vdc Input
1.2 Vdc /50 A Output
Aug. 10, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Output Trim Equations
Equations for calculating the trim resistor are shown below. The Trim Down resistor should be connected
between the Trim pin and Sense(-) pin. The Trim Up resistor should be connected between the Trim pin and the
Sense(+) pin. Only one of the resistors should be used for any given application.
Connecting an external resistor between the TRIM pin and the Sense (-)
pin decreases the output voltage set point.
Connecting an external resistor between the TRIM pin and the Sense (+)
pin increases the output voltage set point.
Note:
Vo_req=Desired (trimmed) output voltage [V]
Output voltage Vo=1.2 V
Remote sense minimizes the effects of distribution losses by regulating the voltage at the remote-sense
connections. The voltage between the remote-sense pins and the output terminals must not exceed the
output voltage sense range:
≤ 10% x Vout. If not using the remote-sense feature to regulate the output
voltage at the point of load, connect SENSE (+) to Vout and SENSE (-) to GND at the module. The tracks,
that connect the sense pins to the load, must have a resistance << than 10 ohm (for example maximum
100 mOhm).
[]
Ω
=
k
delta
Rtrimdown
22
.
10
511
Module
Vout
Trim
GND
Rtrimdown
[]
(100
)
5.11
511
10.22
0.6125
delta Vo
Rtrimup
k
delta
delta
+⋅
=−
Ω
Module
Vout
Trim
GND
Rtrimup
()
[]
%
100
_
×
=
Vo
Vo
req
Vo
delta
0.96
0.98
1.01
1.03
1.06
1.08
1.1
1.13
1.15
1.18
1.2
0
40
80
120
160
200
240
280
320
360
400
Adjusted output voltage Vo,adj (V)
1.2
1.21
1.22
1.24
1.25
1.26
1.27
1.28
1.3
1.31
1.32
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
Adjusted output voltage Vo,adj(V)


Similar Part No. - 0RCY-C2TV20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-C2T03 BEL-0RCY-C2T03 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T030 BEL-0RCY-C2T030 Datasheet
170Kb / 6P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T030 BEL-0RCY-C2T030 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T033 BEL-0RCY-C2T033 Datasheet
276Kb / 9P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03L BEL-0RCY-C2T03L Datasheet
170Kb / 6P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-C2TV20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com