Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RHW-D0TV20 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RHW-D0TV20
Description  ISOLATED DC/DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RHW-D0TV20 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RHW-D0TV20 Datasheet HTML 1Page - Bel Fuse Inc. 0RHW-D0TV20 Datasheet HTML 2Page - Bel Fuse Inc. 0RHW-D0TV20 Datasheet HTML 3Page - Bel Fuse Inc. 0RHW-D0TV20 Datasheet HTML 4Page - Bel Fuse Inc. 0RHW-D0TV20 Datasheet HTML 5Page - Bel Fuse Inc. 0RHW-D0TV20 Datasheet HTML 6Page - Bel Fuse Inc. 0RHW-D0TV20 Datasheet HTML 7Page - Bel Fuse Inc. 0RHW-D0TV20 Datasheet HTML 8Page - Bel Fuse Inc. 0RHW-D0TV20 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
ISOLATED DC/DC CONVERTERS
36 Vdc - 75 Vdc Input
1.2 Vdc /60 A, 3.3V/60A Outputs
Feb 10, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Features
Fixed Frequency
Output Over Voltage Protection
Isolated
Over Temperature Protection
High Efficiency
SCP/OCP
High Power Density
Low Cost
Input Under Voltage Protection
Remote On/Off
Basic Insulation
 Class 1, Category 2, Isolated DC/DC Converter (refer to IPC-9592)
 UL60950-1 Recognized (UL/cUL) (Pending)
Applications
Networking
Computers and peripherals
Telecommunications
Description
The 0RHW-D0Txxx series are isolated dc/dc converters that operate from a nominal 48 Vdc source. This
converter provides up to 200 W of output power. Features include remote on/off, short circuit protection, over
current protection, over-temperature protection, output over-voltage protection, input under-voltage protection.
This converter is provided in an industry standard half brick package that is easy to use and provides good
thermal performance.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
1.2 Vdc
36 Vdc - 75 Vdc
60 A
72 W
86%
0RHW-D0TV20
0RHW-D0TV2L
3.3 Vdc
36 Vdc - 75 Vdc
60 A
200 W
92%
0RHW-D0T033
0RHW-D0T03L
Note: Add “G” suffix at the end of the model number to indicate Tray Packaging.
Part Number Explanation
0 R HW – D0 T V2 x
1 2
3
4
5
6
7
1---Through hole
2---RoHS 6, change “R” to “7” means RoHS 5
3---Series name, 1/2 Brick
4---Series code
5---Input range
6---Output voltage, “V2” mean 1.2Vout and “03” mean 3.3Vout
7---Option, “x” of the model part number to be 0-9, A-Z, which will represent the special request of
customer.
0RHW-D0Txxx
RoHS Compliant
Rev.G


Similar Part No. - 0RHW-D0TV20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RHB-40TRG0 BEL-0RHB-40TRG0 Datasheet
215Kb / 7P
   ISOLATED DC/AC CONVERTER
0RHB-40TRG0 BEL-0RHB-40TRG0 Datasheet
215Kb / 7P
   ISOLATED DC/AC CONVERTER
0RHB-40TRGL BEL-0RHB-40TRGL Datasheet
215Kb / 7P
   ISOLATED DC/AC CONVERTER
0RHB-40TRGL BEL-0RHB-40TRGL Datasheet
215Kb / 7P
   ISOLATED DC/AC CONVERTER
0RHB-40TRH BEL-0RHB-40TRH Datasheet
215Kb / 7P
   ISOLATED DC/AC CONVERTER
More results

Similar Description - 0RHW-D0TV20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com