Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6237 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6237
Description  High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6237 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6237 Datasheet HTML 7Page - Intersil Corporation ISL6237 Datasheet HTML 8Page - Intersil Corporation ISL6237 Datasheet HTML 9Page - Intersil Corporation ISL6237 Datasheet HTML 10Page - Intersil Corporation ISL6237 Datasheet HTML 11Page - Intersil Corporation ISL6237 Datasheet HTML 12Page - Intersil Corporation ISL6237 Datasheet HTML 13Page - Intersil Corporation ISL6237 Datasheet HTML 14Page - Intersil Corporation ISL6237 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11
FN6418.4
March 18, 2008
FIGURE 15. VOUT1 = 1.5V OUTPUT VOLTAGE REGULATION
vs VIN (PWM MODE)
FIGURE 16. VOUT1 = 1.5V OUTPUT VOLTAGE REGULATION
vs VIN (SKIP MODE)
FIGURE 17. VOUT2 = 3.3V OUTPUT VOLTAGE REGULATION
vs VIN (PWM MODE)
FIGURE 18. VOUT2 = 3.3V OUTPUT VOLTAGE REGULATION
vs VIN (SKIP MODE)
FIGURE 19. VOUT1 = 5V OUTPUT VOLTAGE REGULATION vs
VIN (PWM MODE)
FIGURE 20. VOUT1 = 5V OUTPUT VOLTAGE REGULATION vs
VIN (SKIP MODE)
Typical Performance Curves
Circuit of Figures 62, 63 and 64, no load on LDO, OUT1, OUT2, and REF, VIN =12V,
EN2 = EN1 = VCC, VBYP = 5V, PVCC = 5V, VEN_LDO =5V, TA = -40°C to +100°C, unless
otherwise noted. Typical values are at TA = +25°C. (Continued)
1.504
1.506
1.508
1.510
1.512
1.514
1.516
1.518
INPUT VOLTAGE (V)
NO LOAD PWM
MAX LOAD PWM
MID LOAD PWM
57
9
11
13
15
17
19
21
23
25
1.500
1.505
1.510
1.515
1.520
1.525
1.530
INPUT VOLTAGE (V)
MID LOAD PWM
NO LOAD PWM
MAX LOAD PWM
57
9
11
13
15
17
19
21
23
25
3.310
3.315
3.320
3.325
3.330
3.335
3.340
7
9
11
13
15
17
19
21
23
25
INPUT VOLTAGE (V)
NO LOAD PWM
MAX LOAD PWM
MID LOAD PWM
3.30
3.31
3.32
3.33
3.34
3.35
3.36
3.37
3.38
INPUT VOLTAGE (V)
NO LOAD PWM
MAX LOAD PWM
MID LOAD PWM
7
9
11
13
15
17
19
21
23
25
5.040
5.045
5.050
5.055
5.060
5.065
INPUT VOLTAGE (V)
NO LOAD PWM
MAX LOAD PWM
MID LOAD PWM
7
9
11
13
15
17
19
21
23
25
5.02
5.04
5.06
5.08
5.10
5.12
5.14
INPUT VOLTAGE (V)
MAX LOAD PWM
MID LOAD PWM
NO LOAD PWM
7
9
11
13
15
17
19
21
23
25
ISL6237


Similar Part No. - ISL6237

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237IRZ INTERSIL-ISL6237IRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6237IRZ RENESAS-ISL6237IRZ Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237IRZ-T INTERSIL-ISL6237IRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6237IRZ-T RENESAS-ISL6237IRZ-T Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - ISL6237

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com