Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32776 Datasheet(PDF) 5 Page - EPCOS

Part # B32776
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32776 Datasheet(HTML) 5 Page - EPCOS

  B32776 Datasheet HTML 1Page - EPCOS B32776 Datasheet HTML 2Page - EPCOS B32776 Datasheet HTML 3Page - EPCOS B32776 Datasheet HTML 4Page - EPCOS B32776 Datasheet HTML 5Page - EPCOS B32776 Datasheet HTML 6Page - EPCOS B32776 Datasheet HTML 7Page - EPCOS B32776 Datasheet HTML 8Page - EPCOS B32776 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Ordering codes and packing units (lead spacing 37.5 mm)
CR
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max
70
°C
10 kHz
A
IRMS,max
70
°C
20 kHz
A
ESRtyp
70
°C
10 kHz
m
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
VR,70 °C = 450 V DC, Vop,85 °C = 450 V DC
30
20.0
× 39.5 × 41.5 10.2 B32776G4306+000 12.5
11.5
8.0
640
30
20.0
× 39.5 × 41.5
B32776E4306+000
11.5
10.5
9.0
640
35
28.0
× 37.0 × 42.0 10.2 B32776G4356+000 13.5
12.5
8.0
440
35
28.0
× 37.0 × 42.0
B32776E4356+000
12.5
11.5
9.0
440
40
28.0
× 37.0 × 42.0 10.2 B32776G4406+000 14.5
13.5
5.0
440
40
28.0
× 37.0 × 42.0
B32776E4406+000
13.5
12.5
5.5
440
50
28.0
× 42.5 × 41.5 20.3 B32776G4506+000 16.0
15.0
4.0
440
50
28.0
× 42.5 × 41.5
B32776E4506+000
15.0
14.0
4.0
440
60
30.0
× 45.0 × 42.0
B32776E4606+000
16.5
15.0
3.0
400
VR,70 °C = 800 V DC, Vop,85 °C = 700 V DC
14
18.0
× 32.5 × 41.5
B32776E8146+000
10.0
9.0
4.5
720
15
20.0
× 39.5 × 41.5 10.2 B32776G8156+000 10.5
9.5
7.0
640
20
28.0
× 37.0 × 42.0 10.2 B32776G8206+000 12.0
11.0
5.5
440
20
28.0
× 37.0 × 42.0
B32776E8206+000
11.5
10.5
6.5
440
22
28.0
× 37.0 × 42.0 10.2 B32776G8226+000 13.0
12.0
5.0
440
25
28.0
× 42.5 × 41.5
B32776E8256+000
13.5
12.5
4.5
440
30
30.0
× 45.0 × 42.0 20.3 B32776G8306+000 15.0
14.0
3.5
400
30
30.0
× 45.0 × 42.0
B32776E8306+000
14.0
13.0
5.0
400
VR,70 °C = 1100 V DC, Vop,85 °C = 920 V DC
12
20.0
× 39.5 × 41.5 10.2 B32776G0126+000 11.0
10.0
6.5
640
12
20.0
× 39.5 × 41.5
B32776E0126+000
10.0
9.0
7.0
640
14
28.0
× 37.0 × 42.0 10.2 B32776G0146+000 13.0
12.0
5.5
440
14
28.0
× 37.0 × 42.0
B32776E0146+000
12.0
11.0
6.0
440
16
28.0
× 42.5 × 41.5 10.2 B32776G0166+000 13.0
12.0
5.0
440
16
28.0
× 42.5 × 41.5
B32776E0166+000
12.0
11.0
5.5
440
20
30.0
× 45.0 × 42.0 20.3 B32776G0206+000 15.0
13.0
3.0
400
20
30.0
× 45.0 × 42.0
B32776E0206+000
13.0
12.0
3.5
400
B32776
MKP DC link
high density series
Page 5 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32776

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32776E EPCOS-B32776E Datasheet
308Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32776E EPCOS-B32776E Datasheet
273Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32776E TDK-B32776E Datasheet
1Mb / 50P
   Film capacitors
December 2021
logo
EPCOS
B32776E-T EPCOS-B32776E-T Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32776E-T EPCOS-B32776E-T Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32776

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com