Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32UC3L032-D3HT Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT32UC3L032-D3HT
Description  32-bit AVR짰 Microcontroller
Download  830 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3L032-D3HT Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT32UC3L032-D3HT Datasheet HTML 3Page - ATMEL Corporation AT32UC3L032-D3HT Datasheet HTML 4Page - ATMEL Corporation AT32UC3L032-D3HT Datasheet HTML 5Page - ATMEL Corporation AT32UC3L032-D3HT Datasheet HTML 6Page - ATMEL Corporation AT32UC3L032-D3HT Datasheet HTML 7Page - ATMEL Corporation AT32UC3L032-D3HT Datasheet HTML 8Page - ATMEL Corporation AT32UC3L032-D3HT Datasheet HTML 9Page - ATMEL Corporation AT32UC3L032-D3HT Datasheet HTML 10Page - ATMEL Corporation AT32UC3L032-D3HT Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 830 page
background image
7
32099D–06/2010
AT32UC3L016/32/64
3.
Package and Pinout
3.1
Package
The device pins are multiplexed with peripheral functions as described in Section 3.2.
Figure 3-1.
TQFP48/QFN48 Pinout
PA02
13
PA01
14
PA07
15
PB01
16
VDDIN
17
VDDCORE
18
GND
19
PB05
20
PB04
21
RESET_N
22
PB10
23
PA21
24
PA15
37
PA16
38
PA17
39
PA19
40
PA18
41
VDDIO
42
GND
43
PB11
44
GND
45
PA10
46
PA12
47
VDDIO
48


Similar Part No. - AT32UC3L032-D3HT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L032-D3HT ATMEL-AT32UC3L032-D3HT Datasheet
1Mb / 88P
   32-bit AVR짰Microcontroller
More results

Similar Description - AT32UC3L032-D3HT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3B0512 ATMEL-AT32UC3B0512_1 Datasheet
10Mb / 676P
   32-bit AVR짰 Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_11 Datasheet
1Mb / 105P
   32-bit AVR짰 Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_11 Datasheet
1Mb / 91P
   32-bit AVR짰 Microcontroller
QT1110 ATMEL-QT1110 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATMEGA261 ATMEL-ATMEGA261_10 Datasheet
4Mb / 226P
   High Performance, Low Power AVR짰 8-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com