Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32794 Datasheet(PDF) 4 Page - EPCOS

Part # B32794
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32794 Datasheet(HTML) 4 Page - EPCOS

  B32794 Datasheet HTML 1Page - EPCOS B32794 Datasheet HTML 2Page - EPCOS B32794 Datasheet HTML 3Page - EPCOS B32794 Datasheet HTML 4Page - EPCOS B32794 Datasheet HTML 5Page - EPCOS B32794 Datasheet HTML 6Page - EPCOS B32794 Datasheet HTML 7Page - EPCOS B32794 Datasheet HTML 8Page - EPCOS B32794 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Ordering codes and packing units (lead spacing 27.5 mm)
VRMS
V AC
VR
V DC
CR
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS
60
°C
10 kHz
A
ESL
nH
ESR
10 kHz
m
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
250
630
2.5
11.0
× 19.0 × 31.5
B32794D2255+000
4
24
14.1
2352
4.0
11.0
× 21.0 × 31.5
B32794D2405+000
6
25
9.1
2352
6.3
15.0
× 24.5 × 31.5
B32794D2635+000
8
26
6.1
1680
10
16.0
× 32.0 × 31.5
B32794D2106+000 11
27
4.2
1064
15
22.0
× 36.5 × 31.5
B32794D2156+000 13
28
3.1
784
300
700
2.0
11.0
× 19.0 × 31.5
B32794D3205+000
4
24
15.6
2352
3.3
13.5
× 23.0 × 31.5
B32794D3335+000
6
25
9.7
1932
5.0
14.0
× 24.5 × 31.5
B32794D3505+000
7
26
6.7
1848
8.0
18.0
× 33.0 × 31.5
B32794D3805+000
9
27
4.6
952
12
22.0
× 36.5 × 31.5
B32794D3126+000 11
28
3.5
784
350
875
1.2
11.0
× 19.0 × 31.5
B32794D8125+000
3
24
21.2
2352
2.2
12.5
× 21.5 × 31.5
B32794D8225+000
5
25
11.9
2100
3.3
15.0
× 24.5 × 31.5
B32794D8335+000
7
26
8.2
1680
5.0
18.0
× 33.0 × 31.5
B32794D8505+000
9
27
5.8
952
7.5
22.0
× 36.5 × 31.5
B32794D8755+000 12
28
4.5
784
400
1050
0.82 11.0
× 19.0 × 31.5
B32794D4824+000
3
24
26.5
2352
1.5
13.5
× 23.0 × 31.5
B32794D4155+000
4
25
14.8
1932
2.2
14.0
× 24.5 × 31.5
B32794D4225+000
6
26
10.4
1848
3.5
18.0
× 33.0 × 31.5
B32794D4355+000
8
27
6.9
952
5.0
22.0
× 36.5 × 31.5
B32794D4505+000 11
28
5.5
784
B32794
MKP AC filtering
Preliminary Data
Page 4 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32794

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32794 EPCOS-B32794 Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D EPCOS-B32794D Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2106 EPCOS-B32794D2106 Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors
B32794D2106+000 EPCOS-B32794D2106+000 Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2156 EPCOS-B32794D2156 Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32794

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com