Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6208CRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6208CRZ
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6208CRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6208CRZ Datasheet HTML 1Page - Intersil Corporation ISL6208CRZ Datasheet HTML 2Page - Intersil Corporation ISL6208CRZ Datasheet HTML 3Page - Intersil Corporation ISL6208CRZ Datasheet HTML 4Page - Intersil Corporation ISL6208CRZ Datasheet HTML 5Page - Intersil Corporation ISL6208CRZ Datasheet HTML 6Page - Intersil Corporation ISL6208CRZ Datasheet HTML 7Page - Intersil Corporation ISL6208CRZ Datasheet HTML 8Page - Intersil Corporation ISL6208CRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN9115.3
August 7, 2008
ti
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Input Voltage (VFCCM, VPWM). . . . . . . . . . . . . -0.3V to VCC + 0.3V
BOOT Voltage (VBOOT-GND). . . . . . . . . . . . . . . . . . . . . -0.3V to 33V
BOOT To PHASE Voltage (VBOOT-PHASE) . . . . . . -0.3V to 7V (DC)
-0.3V to 9V (<10ns)
PHASE Voltage (Note 1) . . . . . . . . . . . . . . . . . . . GND - 0.3V to 30V
GND - 8V (<20ns Pulse Width, 10µJ)
UGATE Voltage . . . . . . . . . . . . . . . . VPHASE - 0.3V (DC) to VBOOT
VPHASE - 5V (<20ns Pulse Width, 10µJ) to VBOOT
LGATE Voltage . . . . . . . . . . . . . . . GND - 0.3V (DC) to VCC + 0.3V
GND - 2.5V (<20ns Pulse Width, 5µJ) to VCC + 0.3V
Ambient Temperature Range . . . . . . . . . . . . . . . . . .-40°C to +125°C
Recommended Operating Conditions
Ambient Temperature Range
. . . . . . . . . . . . . . . . . .-10°C to +100°C
Maximum Operating Junction Temperature. . . . . . . . . . . . . +125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
±10%
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
SOIC Package (Note 2) . . . . . . . . . . . .
110
N/A
QFN Package (Notes 3, 4). . . . . . . . . .
80
15
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1. The Phase Voltage is capable of withstanding -7V when the BOOT pin is at GND.
2.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
4. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Parameters with MIN and/or MAX limits are
100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are
not production tested.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
PWM pin floating, VFCCM = 5V
-
80
-
µA
POR
VCC Rising
-
3.40
3.90
V
VCC Falling
2.40
2.90
-
V
Hysteresis
-
500
-
mV
BOOTSTRAP DIODE
Forward Voltage
VF
VVCC = 5V, forward bias current = 2mA
0.50
0.55
0.65
V
PWM INPUT
Input Current
IPWM
VPWM = 5V
-
250
-
µA
VPWM = 0V
-
-250
-
µA
PWM Three-State Rising Threshold
VVCC = 5V
0.70
1.00
1.30
V
PWM Three-State Falling Threshold
VVCC = 5V
3.5
3.8
4.1
V
Three-State Shutdown Hold-off Time
tTSSHD
VVCC = 5V, temperature = +25°C
100
175
250
ns
FCCM INPUT
FCCM LOW Threshold
0.50
-
-
V
FCCM HIGH Threshold
--
2.0
V
SWITCHING TIME
UGATE Rise Time (Note 5)
tRU
VVCC = 5V, 3nF load
-
8.0
-
ns
ISL6208


Similar Part No. - ISL6208CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208CRZ INTERSIL-ISL6208CRZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
More results

Similar Description - ISL6208CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207 INTERSIL-ISL6207 Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com