Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32UC3B0128-Z2UT Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT32UC3B0128-Z2UT
Description  32-bit AVR짰 Microcontroller
Download  676 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3B0128-Z2UT Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT32UC3B0128-Z2UT Datasheet HTML 2Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 3Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 4Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 5Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 6Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 7Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 8Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 9Page - ATMEL Corporation AT32UC3B0128-Z2UT Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 676 page
background image
6
32059I–06/2010
AT32UC3B
4.
Package and Pinout
4.1
Package
The device pins are multiplexed with peripheral functions as described in the Peripheral Multi-
plexing on I/O Line section.
Figure 4-1.
TQFP64 / QFN64 Pinout
GNDANA
17
ADVREF
18
VDDANA
19
VDDOUT
20
VDDIN
21
VDDCORE
22
GND
23
PB02
24
PB03
25
PB04
26
PB05
27
PA09
28
PA10
29
PA11
30
PA12
31
VDDIO
32
GND
49
DP
50
DM
51
VBUS
52
VDDPLL
53
PB08
54
PB09
55
VDDCORE
56
PB10
57
PB11
58
PA24
59
PA25
60
PA26
61
PA27
62
RESET_N
63
VDDIO
64


Similar Part No. - AT32UC3B0128-Z2UT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3B0128-Z2UT ATMEL-AT32UC3B0128-Z2UT Datasheet
985Kb / 62P
   32-Bit Microcontroller
AT32UC3B0128-Z2UT ATMEL-AT32UC3B0128-Z2UT Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32UC3B0128-Z2UT ATMEL-AT32UC3B0128-Z2UT Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
More results

Similar Description - AT32UC3B0128-Z2UT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L064 ATMEL-AT32UC3L064_2 Datasheet
10Mb / 830P
   32-bit AVR짰 Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_11 Datasheet
1Mb / 105P
   32-bit AVR짰 Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_11 Datasheet
1Mb / 91P
   32-bit AVR짰 Microcontroller
QT1110 ATMEL-QT1110 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATMEGA261 ATMEL-ATMEGA261_10 Datasheet
4Mb / 226P
   High Performance, Low Power AVR짰 8-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com