Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6208IB Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6208IB
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6208IB Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6208IB Datasheet HTML 1Page - Intersil Corporation ISL6208IB Datasheet HTML 2Page - Intersil Corporation ISL6208IB Datasheet HTML 3Page - Intersil Corporation ISL6208IB Datasheet HTML 4Page - Intersil Corporation ISL6208IB Datasheet HTML 5Page - Intersil Corporation ISL6208IB Datasheet HTML 6Page - Intersil Corporation ISL6208IB Datasheet HTML 7Page - Intersil Corporation ISL6208IB Datasheet HTML 8Page - Intersil Corporation ISL6208IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
High Voltage Synchronous Rectified Buck
MOSFET Driver
The ISL6208 is a high frequency, dual MOSFET driver,
optimized to drive two N-Channel power MOSFETs in a
synchronous-rectified buck converter topology. It is
especially suited for mobile computing applications that
require high efficiency and excellent thermal performance.
This driver, combined with an Intersil multiphase Buck PWM
controller, forms a complete single-stage core-voltage
regulator solution for advanced mobile microprocessors.
The ISL6208 features 4A typical sinking current for the lower
gate driver. This current is capable of holding the lower
MOSFET gate off during the rising edge of the Phase node.
This prevents shoot-through power loss caused by the high
dv/dt of phase voltages. The operating voltage matches the
30V breakdown voltage of the MOSFETs commonly used in
mobile computer power supplies.
The ISL6208 also features a three-state PWM input that,
working together with Intersil’s multiphase PWM controllers,
will prevent negative voltage output during CPU shutdown.
This feature eliminates a protective Schottky diode usually
seen in a microprocessor power systems.
MOSFET gates can be efficiently switched up to 2MHz using
the ISL6208. Each driver is capable of driving a 3000pF load
with propagation delays of 8ns and transition times under
10ns. Bootstrapping is implemented with an internal
Schottky diode. This reduces system cost and complexity,
while allowing the use of higher performance MOSFETs.
Adaptive shoot-through protection is integrated to prevent
both MOSFETs from conducting simultaneously.
A diode emulation feature is integrated in the ISL6208 to
enhance converter efficiency at light load conditions. This
feature also allows for monotonic start-up into pre-biased
outputs. When diode emulation is enabled, the driver will
allow discontinuous conduction mode by detecting when the
inductor current reaches zero and subsequently turning off
the low side MOSFET gate.
Features
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Adaptive Shoot-Through Protection
•0.5
Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency up to 2MHz
- Fast output rise and fall time
- Low propagation delay
• Three-State PWM Input for Power Stage Shutdown
• Internal Bootstrap Schottky Diode
• Low Bias Supply Current (5V, 80µA)
• Diode Emulation for Enhanced Light Load Efficiency and
Pre-Biased Start-Up Applications
• VCC POR (Power-On-Reset) Feature Integrated
• Low Three-State Shutdown Holdoff Time (Typical 160ns)
• Pin-to-Pin Compatible with ISL6207
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-Free available (RoHS compliant)
Applications
• Core Voltage Supplies for Intel® and AMD® Mobile
Microprocessors
• High Frequency Low Profile DC/DC Converters
• High Current Low Output Voltage DC/DC Converters
• High Input Voltage DC/DC Converters
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for MLFP Packages”
• Technical Brief TB447 “Guidelines for Preventing
Boot-to-Phase Stress on Half-Bridge MOSFET Driver ICs”
Data Sheet
August 7, 2008
FN9115.3
ISL6208
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004-2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6208IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208IB INTERSIL-ISL6208IB Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208IBZ INTERSIL-ISL6208IBZ Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208IBZ INTERSIL-ISL6208IBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208IBZ INTERSIL-ISL6208IBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208IBZ INTERSIL-ISL6208IBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6208IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207 INTERSIL-ISL6207 Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com