Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32614A3105 Datasheet(PDF) 7 Page - EPCOS

Part # B32614A3105
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32614A3105 Datasheet(HTML) 7 Page - EPCOS

Back Button B32614A3105 Datasheet HTML 3Page - EPCOS B32614A3105 Datasheet HTML 4Page - EPCOS B32614A3105 Datasheet HTML 5Page - EPCOS B32614A3105 Datasheet HTML 6Page - EPCOS B32614A3105 Datasheet HTML 7Page - EPCOS B32614A3105 Datasheet HTML 8Page - EPCOS B32614A3105 Datasheet HTML 9Page - EPCOS B32614A3105 Datasheet HTML 10Page - EPCOS B32614A3105 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
010 = Untaped crimped (lead length 6
1 mm)
008 = Untaped straight (lead length 17
±3 mm)
020 = Double crimped (lead length 6
1 mm)
Packaging codes for further lead configurations (untaped):
Lead configuration (lead length 6
1 mm)
Reduced
Reduced
Reduced
Enlarged
Lead spacing (mm)
7.5 mm
10 mm
12.5 mm
17.5 mm
Packaging code
030
040
050
060
250 160
150
6.5
× 12.5 × 18.0 B32612A3154+*** 3400
4400
4000
220
7.0
× 13.5 × 18.0 B32612A3224+*** 3200
4000
4000
330
8.0
× 14.5 × 18.0 B32612A3334+*** 2800
3600
2000
470
9.5
× 16.0 × 18.0 B32612A3474+*** 2400
3200
2000
680
11.5
× 17.5 × 18.0 B32612A3684+*** 2000
2600
2000
400 200
68
6.5
× 12.0 × 18.0 B32612A4683+*** 3400
4400
4000
100
7.0
× 12.5 × 18.0 B32612A4104+*** 3200
4000
4000
150
7.5
× 12.5 × 18.0 B32612A4154+*** 3000
4000
4000
220
8.0
× 14.5 × 18.0 B32612A4224+*** 2800
3600
2000
330
9.5
× 16.0 × 18.0 B32612A4334+*** 2400
3200
2000
470
11.0
× 17.5 × 18.0 B32612A4474+*** 2000
2600
2000
630 250
68
6.5
× 12.0 × 18.0 B32612A6683+*** 3400
4400
4000
100
7.5
× 13.0 × 18.0 B32612A6104+*** 3000
4000
4000
150
9.0
× 14.5 × 18.0 B32612A6154+*** 2400
3200
2000
220
10.0
× 16.5 × 18.0 B32612A6224+*** 2200
3000
2000
1000 250
10
7.0
× 12.5 × 18.0 B32612A0103+*** 3200
4000
4000
15
8.0
× 13.5 × 18.0 B32612A0153+*** 2800
3600
4000
22
9.0
× 15.5 × 18.0 B32612A0223+*** 2400
3200
4000
33
6.5
× 13.0 × 18.0 B32612A0333+*** 3400
4400
4000
47
7.0
× 15.5 × 18.0 B32612A0473+*** 3200
4000
4000
68
8.5
× 16.5 × 18.0 B32612A0683+*** 2600
3400
2000
100
11.0
× 17.5 × 18.0 B32612A0104+*** 2000
2600
2000
B32612
High pulse (wound)
Page 7 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32614A3105

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32612A1103 TDK-B32612A1103 Datasheet
549Kb / 30P
   Metallized Polypropylene Film Capacitors
B32612A1153 TDK-B32612A1153 Datasheet
549Kb / 30P
   Metallized Polypropylene Film Capacitors
B32612A1472 TDK-B32612A1472 Datasheet
549Kb / 30P
   Metallized Polypropylene Film Capacitors
B32612A1682 TDK-B32612A1682 Datasheet
549Kb / 30P
   Metallized Polypropylene Film Capacitors
B32612A2102 TDK-B32612A2102 Datasheet
549Kb / 30P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32614A3105

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com