Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54100CQZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL54100CQZ
Description  TMDS Regenerators with Multiplexers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54100CQZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54100CQZ Datasheet HTML 1Page - Intersil Corporation ISL54100CQZ Datasheet HTML 2Page - Intersil Corporation ISL54100CQZ Datasheet HTML 3Page - Intersil Corporation ISL54100CQZ Datasheet HTML 4Page - Intersil Corporation ISL54100CQZ Datasheet HTML 5Page - Intersil Corporation ISL54100CQZ Datasheet HTML 6Page - Intersil Corporation ISL54100CQZ Datasheet HTML 7Page - Intersil Corporation ISL54100CQZ Datasheet HTML 8Page - Intersil Corporation ISL54100CQZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
ISL54100, ISL54101, ISL54102
TMDS Regenerators with Multiplexers
The ISL54100, ISL54101, ISL54102 are high-performance
TMDS (Transition Minimized Differential Signaling) timing
regenerators and multiplexers. The receiver contains a
programmable equalizer and a clock data recovery (CDR)
function for each of the 3 TMDS pairs in an HDMI or DVI
signal. The TMDS data outputs of the ISL54100 are
regenerated and perfectly aligned to the regenerated
TMDS clock signal, creating an extremely clean, low-jitter
DVI/HDMI signal that can be easily decoded by any TMDS
receiver.
The ISL54100’s design and package footprint supports
many compound configurations. Two ISL54100s can create
a DualLink 4:1 mux, a 4:2 crosspoint, or an 8:1 mux.
Additional ISL54100s can create larger combinations of
these building blocks. The ISL54102 with its 2:1
multiplexing function serves applications with fewer inputs,
while the ISL54101 can be used as a cable extender, to
clean up a noisy/jittery TMDS source, or to provide a very
stable TMDS signal to a marginal DVI or HDMI receiver.
Certified HDMI 1.3a compliant by the HDMI ATC for the
following features: 12 bit Deep Color (1080i/720p
guaranteed, 1080p typical), x.v.Color™, and all HDMI1.3
audio formats and options.
Features
• ISL54100: 4:1 TMDS regenerator and multiplexer
• ISL54101: 1:1 TMDS regenerator
• ISL54102: 2:1 TMDS regenerator and multiplexer
• Clock Data Recovery and Retiming function enables use
as TMDS range extender
• Programmable pre-emphasis on output driver
• Channel activity detect based on input TMDS clock activity
• Symmetrical pinout enables high-performance DualLink,
4:2 crosspoint and 8:1 multiplexing options
• Programmable internal 50
Ω, 100Ω, or high-Z termination
• External pins for channel select, activity detection
• Stand-alone or I2C software-controlled operation
• Hardware, software, or automatic channel selection
• Pb-free (RoHS compliant)
Applications
• KVM switches
• A/V receivers
• DVI/HDMI extenders
• Televisions/PC monitors/projectors
Block Diagrams
4X2
TMDS IN (A)
RECOVERY AND
REGENERATION
4X2
4X2
4X2
TMDS IN (B)
TMDS IN (C)
TMDS IN (D)
TMDS TX
TMDS OUT
4X2
ISL54100
RECOVERY AND
REGENERATION
4X2
TMDS IN
TMDS TX
TMDS OUT
4X2
ISL54101
4X2
TMDS IN (A)
RECOVERY AND
REGENERATION
4X2
TMDS IN (B)
TMDS TX
TMDS OUT
4X2
ISL54102
Key Features
Data Sheet
June 4, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006-2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
FN6275.5
NOT RE
COMME
NDED FO
R NEW D
ESIGNS
SEE THE
ISL54100
A, ISL54
101A AN
D ISL541
02A


Similar Part No. - ISL54100CQZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54100CQZ INTERSIL-ISL54100CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 4, 2008
logo
Renesas Technology Corp
ISL54100CQZ RENESAS-ISL54100CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
More results

Similar Description - ISL54100CQZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54100 RENESAS-ISL54100 Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54100CQZ INTERSIL-ISL54100CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 4, 2008
ISL54100A INTERSIL-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
ISL54100ACQZ INTERSIL-ISL54100ACQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 17, 2008
logo
Renesas Technology Corp
ISL54100A RENESAS-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
List of Unclassifed Man...
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
   TMDS Receiver
logo
Renesas Technology Corp
ISL54105A RENESAS-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105 INTERSIL-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com