Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32678G3476 Datasheet(PDF) 2 Page - EPCOS

Part # B32678G3476
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32678G3476 Datasheet(HTML) 2 Page - EPCOS

  B32678G3476 Datasheet HTML 1Page - EPCOS B32678G3476 Datasheet HTML 2Page - EPCOS B32678G3476 Datasheet HTML 3Page - EPCOS B32678G3476 Datasheet HTML 4Page - EPCOS B32678G3476 Datasheet HTML 5Page - EPCOS B32678G3476 Datasheet HTML 6Page - EPCOS B32678G3476 Datasheet HTML 7Page - EPCOS B32678G3476 Datasheet HTML 8Page - EPCOS B32678G3476 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Typical applications
For high ripple current modules in:
Frequency converters
Industrial and high-end power supplies
Solar inverters
Climatic
Max. operating temperature: 105
°C (case)
Climatic category (IEC 60068-1): 40/100/56
Construction
Dielectric: metallized polypropylene (MKP)
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
Excellent self-healing properties
Over-voltage capability
Optimized electrical contact
High frequency ripple current
High reliability
Long useful life
Terminals
Parallel wire leads, lead-free tinned
2-pin and 4-pin versions
Standard lead lengths: 6
1 mm
Special lead lengths are available on
request
Marking
Manufacturer's logo and lot number,
date code, rated capacitance (coded),
capacitance tolerance (code letter),
rated DC voltage
Delivery mode
Bulk (untaped, lead length 6
1 mm)
Dimensional drawings
2-pin version
4-pin version
Dimensions in mm
Version
Lead
spacing
±0.4
Lead
diameter
d1
Type
2-pin
27.5
0.8
B32674D
4-pin
37.5
1.2
B32676G
4-pin
52.5
1.2
B32678G
Metallized polypropylene film capacitors (MKP)
B32674 ... B32678
MKP DC link
high power series
Page 2 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32678G3476

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32678G3476+000 EPCOS-B32678G3476+000 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32678G3476

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com