Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54102ACQZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL54102ACQZ
Description  TMDS Regenerators with Multiplexers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54102ACQZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL54102ACQZ Datasheet HTML 4Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 5Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 6Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 7Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 8Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 9Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 10Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 11Page - Intersil Corporation ISL54102ACQZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
FN6725.0
June 17, 2008
Pin Descriptions
SYMBOL
DESCRIPTION
RX0-_A, RX0+_A, RX1-_A, RX1+_A,
RX2-_A, RX2+_A
TMDS Inputs. Incoming TMDS data signals for Channel A.
RX0-_B, RX0+_B, RX1-_B, RX1+_B,
RX2-_B, RX2+_B
TMDS Inputs. Incoming TMDS data signals for Channel B (ISL54100A and ISL54102A only).
RX0-_C, RX0+_C, RX1-_C, RX1+_C,
RX2-_C, RX2+_C
TMDS Inputs. Incoming TMDS data signals for Channel C (ISL54100A only).
RX0-_D, RX0+_D, RX1-_D, RX1+_D,
RX2-_D, RX2+_D
TMDS Inputs. Incoming TMDS data signals for Channel D (ISL54100A only).
RXC-_A, RXC+_A, RXC-_B, RXC+_B,
RXC-_C, RXC+_C, RXC-_D, RXC+_D
TMDS Inputs. Incoming TMDS clock signals for Channels A, B, C and D (ISL54100A), Channels A and
B (ISL54102A), or Channel A (ISL54101A).
TX0-, TX0+, TX1-, TX1+, TX1-, TX1+
TMDS Outputs. TMDS output data for selected channel.
TXC-, TXC+
TMDS Outputs. TMDS output clock for selected channel.
SCL
Digital input, 5V tolerant, 500mV hysteresis. Serial data clock for 2-wire interface.
Note: Internal 65k
Ω pull-up to V
D.
SDA
Bidirectional Digital I/O, open drain, 5V tolerant. Serial data I/O for 2-wire interface.
Note: Internal 65k
Ω pull-up to V
D.
ADDR[6:0]
Digital inputs, 5V tolerant. 7-Bit address for serial interface.
Note: Internal 60k
Ω pull-down to GND.
CH_SEL_0, CH_SEL_1
Digital inputs, 3.3V. Channel select inputs for stand-alone operation. Pull to ground with a 47k resistor if
unused.
AUTO_CH_SEL
Digital Input. Pull high to have the mux automatically select the highest channel (A is highest, D is lowest)
with an active TMDS clock. Low is manual channel select.
CHA_Active, CHB_Active,
CHC_Active, CHD_Active
Digital Outputs, 3.3V. Output goes high when there is an active TMDS clock on that channel's input. Used
for activity detect in a stand-alone configuration.
CHC_Active and CHD_Active are NC (do Not Connect) for the ISL54102A.
CHB_Active, CHC_Active and CHD_Active are NC (do Not Connect) for the ISL54101A.
RES_BIAS
Tie to GND through a 3.16k external resistor. Sets up internal bias currents.
RES_TERM
Tie to VD through a 1.0k 1% external resistor. During calibration, the termination resistor closest in value
to RES_TERM/20 (= 50
Ω) is selected.
PD
Digital Input, 3.3V. PD = Power-down. Pull high to put the ISL5410xA in a minimum power consumption
mode.
Note: To ensure proper operation, this pin must be held low during power-up. It may be taken high 100ms
after the power supplies have settled to 3.3V ±10%.
When exiting Power-down, a termination resistor Recalibration cycle must be run to re-trim the
termination resistors (see register 0x03[7]).
Note: Internal 60k
Ω pull-down to GND.
RESET
Digital Input, 3.3V. Pull high then low to reset the mux. Tie to GND in final application.
Note: Internal 60k pull-down to GND.
TEST
Digital Input. Used for production testing only. Tie to GND in final application. This pin has an internal
pulldown to GND, so it is also acceptable to leave this pin floating.
VD
Power supply. Connect to a 3.3V supply and bypass each pin to GND with 0.1µF.
VD_ESD
Power supply for ESD protection diodes. Connect one of these pins (pin 74 or 95) to the 3.3V VD supply
rail with a low VF (0.4V or lower) Schottky diode, with the cathode connected to VD_ESD and the anode
connected to VD. Bypass each pin to GND with 0.1µF.
GND
Ground return for VD.
ISL54100A, ISL54101A, ISL54102A


Similar Part No. - ISL54102ACQZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54102ACQZ INTERSIL-ISL54102ACQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 17, 2008
logo
Renesas Technology Corp
ISL54102ACQZ RENESAS-ISL54102ACQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
More results

Similar Description - ISL54102ACQZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54100 RENESAS-ISL54100 Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54100 INTERSIL-ISL54100 Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
ISL54100CQZ INTERSIL-ISL54100CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 4, 2008
ISL54100ACQZ INTERSIL-ISL54100ACQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 17, 2008
logo
Renesas Technology Corp
ISL54100A RENESAS-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
List of Unclassifed Man...
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
   TMDS Receiver
logo
Renesas Technology Corp
ISL54105A RENESAS-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105 INTERSIL-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com