Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL60002BIH320Z-TK Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL60002BIH320Z-TK
Description  Precision, Low Noise FGA Voltage References
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002BIH320Z-TK Datasheet(HTML) 4 Page - Intersil Corporation

  ISL60002BIH320Z-TK Datasheet HTML 1Page - Intersil Corporation ISL60002BIH320Z-TK Datasheet HTML 2Page - Intersil Corporation ISL60002BIH320Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002BIH320Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002BIH320Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002BIH320Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002BIH320Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002BIH320Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002BIH320Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
FN8082.16
May 4, 2009
ISL60002BAH333Z-TK*
AOP
3.300
±1.0mV, 20ppm/°C
-40 to +105
3 Ld SOT-23
P3.064
ISL60002CAH333Z-TK*
AOU
3.300
±2.5mV, 20ppm/°C
-40 to +105
3 Ld SOT-23
P3.064
ISL60002DAH333Z-TK*
APC
3.300
±5.0mV, 20ppm/°C
-40 to +105
3 Ld SOT-23
P3.064
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Ordering Information (Continued)
PART NUMBER
(Note)
PART
MARKING
(Bottom)
VOUT
(V)
GRADE
TEMP. RANGE
(°C)
PACKAGE
Tape & Reel
(Pb-free)
PKG.
DWG. #
ISL60002


Similar Part No. - ISL60002BIH320Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002BIH320Z-TK INTERSIL-ISL60002BIH320Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002BIH320Z-TK INTERSIL-ISL60002BIH320Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH320Z-TK INTERSIL-ISL60002BIH320Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH320Z-TK INTERSIL-ISL60002BIH320Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002BIH320Z-TK RENESAS-ISL60002BIH320Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Similar Description - ISL60002BIH320Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com