Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32672L8222 Datasheet(PDF) 8 Page - EPCOS

Part # B32672L8222
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32672L8222 Datasheet(HTML) 8 Page - EPCOS

Back Button B32672L8222 Datasheet HTML 4Page - EPCOS B32672L8222 Datasheet HTML 5Page - EPCOS B32672L8222 Datasheet HTML 6Page - EPCOS B32672L8222 Datasheet HTML 7Page - EPCOS B32672L8222 Datasheet HTML 8Page - EPCOS B32672L8222 Datasheet HTML 9Page - EPCOS B32672L8222 Datasheet HTML 10Page - EPCOS B32672L8222 Datasheet HTML 11Page - EPCOS B32672L8222 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Technical data
Operating temperature range
Max. operating temperature Top,max
+125
°C
Upper category temperature Tmax
+110
°C
Lower category temperature Tmin
55
°C
Rated temperature TR
+85
°C
Dissipation factor tan
δ (in 10-3) at
≤27 nF 27 nF< C
R
≤0.1 µF 0.1 µF < C
R
≤1 µF >1 µF
at 20
°C
1 kHz 0.8
0.8
0.8
0.8
(upper limit values)
10 kHz 1.0
1.0
1.0
100 kHz 2.0
3.0
Insulation resistance Rins
at 20
°C, rel. humidity ≤ 65%
(minimum as-delivered values)
> 100 G
Ω (C
R
≤ 0.33 µF)
> 30 000 s (CR > 0.33
µF)
DC test voltage
1.6
VR, 2 s
Category voltage VC
TA (
°C)
DC voltage derating
AC voltage derating
(continuous operation with VDC TA
≤ 85
VC = VR
VC,RMS = VRMS
or VAC at f
≤ 1 kHz)
85<TA
≤110 V
C = VR
(165 TA)/80
VC,RMS=VRMS (165 TA)/80
Operating voltage Vop for
TA (
°C)
DC voltage (max. hours)
AC voltage (max. hours)
short operating periods
TA
≤ 100
Vop = 1.25 VC (2000 h)
Vop = 1.0 VC,RMS (2000 h)
(VDC or VAC at f
≤ 1 kHz)
100<TA
≤125 V
op = 1.25
VC (1000 h)
Vop = 1.0 VC,RMS (1000 h)
Damp heat test
56 days/40
°C/93% relative humidity
Limit values after damp
Capacitance change
∆C/C
≤ 2%
heat test
Dissipation factor change
∆ tan δ
≤ 1.0 10-3 (at 1 kHz)
Insulation resistance Rins
≥ 50 GΩ
Reliability:
Failure rate
λ
1 fit (
≤ 1 10-9/h) at 0.5 V
R, 40
°C
Service life tSL
200 000 h at 1.0
VR, 85
°C
For conversion to other operating conditions and temperatures,
refer to chapter "Quality, 2 Reliability".
Failure criteria:
Total failure
Short circuit or open circuit
Failure due to variation
Capacitance change
∆C/C
> 10%
of parameters
Dissipation factor tan
δ
> 4
upper limit values
Insulation resistance Rins
< 1500 M
B32671L ... B32672L
High V AC, high temperature (wound)
Page 8 of 31
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32672L8222

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32672L8222 EPCOS-B32672L8222 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
B32672L8222 TDK-B32672L8222 Datasheet
863Kb / 39P
   Metallized Polypropylene Film Capacitors
logo
EPCOS
B32672L8222189 EPCOS-B32672L8222189 Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32672L8222289 EPCOS-B32672L8222289 Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32672L8222

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com